Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV19WS Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BAV19WS
Description  Surface Mount Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BAV19WS Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BAV19WS Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BAV19WS Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
BAV19WS THRU BAV21WS
Surface Mount Switching Diode
.Fast Switching Speed
http://www.SeCoSGmbH.com
Elektronische Bauelemente
Characteristic
Symbol
BAV19WS
BAV20WS
BAV21WS
Unit
Repetitive Peak Reverse Voltage
VRRM
120
200
250
V
Working Peak Reverse Voltage
DC Blocking Voltage
VRWM
VR
100
150
200
V
RMS Reverse Voltage
VR(RMS)
71
106
141
V
Forward Continuous Current (Note 1)
IFM
400
mA
Average Rectified Output Current (Note 1)
IO
200
mA
Non-Repetitive Peak Forward Surge Current @ t = 1.0
ms
@ t = 1.0s
IFSM
2.5
0.5
A
Repetitive Peak Forward Surge Current
IFRM
625
mA
Power Dissipation
Pd
200
mW
Thermal Resistance Junction to Ambient Air (Note 1)
RqJA
625
K/W
Operating and Storage Temperature Range
Tj ,TSTG
-65 to +150
°C
Maximum Ratings @ TA = 25°C unless otherwise specified
Note:
1. Valid provided that terminals are kept at ambient temperature.
Characteristic
Symbol
Min
Max
Unit
Test Condition
Forward Voltage
VFM
¾
1.0
1.25
V
IF = 100mA
IF = 200mA
Peak Reverse Current
@ Rated DC Blocking Voltage
IRM
¾
100
15
nA
mA
Tj = 25
°C
Tj = 100
°C
Junction Capacitance
Cj
¾
5.0
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
trr
¾
50
ns
IF = IR = 30mA,
Irr = 0.1 x IR,RL = 100
W
Electrical Characteristics @ TA = 25°C unless otherwise specified
F eatures
.
Surface Mount Package Ideally Suited for
Automatic Insertion
.
For General Purpose Switching Applications
Marking
.
BAV19WS:A8
.
BAV20WS:T2
.
BAV21WS:T3
SOD-323(SC-76)
.010 (0.25)
min.
.012 (0.3)
.059 (1.5)
Cathode Band
Top View
.043 (1.1)
Dimensions in inches
and (millimeters)
01-Jun-2002 Rev. A
Page 1 of 2
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - BAV19WS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV19WS PANJIT-BAV19WS Datasheet
104Kb / 3P
SURFACT MOUNT SWITCHING DIODES
logo
Diodes Incorporated
BAV19WS DIODES-BAV19WS Datasheet
61Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30119 Rev. 7 - 2
logo
General Semiconductor
BAV19WS GE-BAV19WS Datasheet
118Kb / 4P
SMALL SIGNAL DIODES
logo
Diotec Semiconductor
BAV19WS DIOTEC-BAV19WS Datasheet
111Kb / 2P
Surface mount Small Signal Diodes
logo
Diodes Incorporated
BAV19WS DIODES-BAV19WS Datasheet
352Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30119 Rev. 11 - 2
More results

Similar Description - BAV19WS

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Zowie Technology Corpor...
MMDL6050T1 ZOWIE-MMDL6050T1 Datasheet
47Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
GTM CORPORATION
GD511 GTM-GD511 Datasheet
230Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GDMBD2004 GTM-GDMBD2004 Datasheet
221Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GSBAS16 GTM-GSBAS16 Datasheet
119Kb / 2P
SURFACE MOUNT, SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAL99 TSC-BAL99 Datasheet
46Kb / 2P
Surface Mount Switching Diode
MMBD4148 TSC-MMBD4148 Datasheet
53Kb / 2P
Surface Mount Switching Diode
MMBD4448H TSC-MMBD4448H Datasheet
44Kb / 2P
Surface Mount Switching Diode
BAV23S TSC-BAV23S Datasheet
46Kb / 2P
Surface Mount Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com