Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV70W Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BAV70W
Description  Surface Mount Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BAV70W Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BAV70W Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BAV70W Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH BAV70W Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Any changing of specification will not be informed individual
BAV70W
Dual Chips Common Cathode
Surface Mount Switching Diode
A
MAXIMUM RATINGS (EACH DIODE)
Rating
Symbol
Value
Unit
Reverse Voltage
V R
70
V dc
Forward Current
IF
200
mAdc
Peak Forward Surge Current
IFM(surge)
500
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR–5 Board(1)
TA = 25°C
Derate above 25°C
PD
200
1.6
mW
mW/°C
Thermal Resistance, Junction to Ambient
R JA
θ
θ
R JA
0.625
°C/W
Total Device Dissipation
Alumina S ubstrate,(2) T
A =25°C
Derate above 25°C
P D
300
2.4
mW
mW /
°C
Thermal Resistance, Junction to Ambient
417
°C /W
Junction and Storage Temperature
T J , Tstg
–55to+150
°C
DEVICE MARKING
BAV70W = A 4, KJA
01-Jun-2004 Rev. B
Page 1 of 3
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free
ELECTRICAL CHARACTERISTICS (T A = 25°C unless otherwise noted) (EACH DIODE)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Revers e B reakdown Voltage
(I(BR) = 100 .Adc)
V (B R )
70
—
Vdc
R evers e Voltage Leakage C urrent
(V R =70 Vdc)
(V R =70 Vdc, TJ = 150°C)
IR
—
—
5.0
100
uAdc
Diode C apacitance
(V R =0, f =1.0 MHz)
C D
—
1.5
pF
Forward Voltage
(IF =1.0 mAdc)
(IF =10 mAdc)
(IF =50 mAdc)
(IF = 150 mAdc)
V F
—
—
—
—
715
855
1000
1250
mV dc
Revers e Recovery Time
(IF =IR =10 mAdc, IR(RE C ) =1.0 mAdc) (F igure 1) R L =100
trr
—
6.0
ns
Forward R ecovery T ime
(IF =10 mAdc, t r =20 ns) (F igure 2)
VRF
—
1.75
V
1.
FR…5 = 1.0 X 0.75 X 0.062 in.
2. Alumina = 0.4 X 0.3 X 0.024 in. 99.5% alumina.
3. For each individual diode while the second diode is unbiased.
FEATURES
.
Fast Switching Speed
.
Surface Mount Package Ideally Suited for
Automatic Insertion
.
For General Purpose Switching Applications
.
High Conductance
3
CATHODE
ANODE
1
2
ANODE
http://www.SeCoSGmbH.com
Elektronische Bauelemente
Dim
Min
Max
A
1.800
2.200
B
1.150
1.350
C
0.800
1.000
D
0.300
0.400
G
1.200
1.400
H
0.000
0.100
J
0.100
0.250
K
0.350
0.500
L
0.590
0.720
S
2.000
2.400
V
0.280
0.420
All Dimension in mm
SOT-323(SC-70)
K
J
C
H
L
B S
G
V
3
1
2
D
Top View


Similar Part No. - BAV70W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV70W PANJIT-BAV70W Datasheet
111Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAV70W PHILIPS-BAV70W Datasheet
58Kb / 12P
High-speed double diode
1999 May 05
logo
Won-Top Electronics
BAV70W WTE-BAV70W Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Siemens Semiconductor G...
BAV70W SIEMENS-BAV70W Datasheet
70Kb / 4P
Silicon Switching Diode Array (For high speed switching applications Common cathode)
logo
Diodes Incorporated
BAV70W DIODES-BAV70W Datasheet
69Kb / 3P
DUAL SURFACE MOUNT SWITCHING DIODE
DS30063 Rev. 2 - 1
More results

Similar Description - BAV70W

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Zowie Technology Corpor...
MMDL6050T1 ZOWIE-MMDL6050T1 Datasheet
47Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
GTM CORPORATION
GD511 GTM-GD511 Datasheet
230Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GDMBD2004 GTM-GDMBD2004 Datasheet
221Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GSBAS16 GTM-GSBAS16 Datasheet
119Kb / 2P
SURFACE MOUNT, SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAL99 TSC-BAL99 Datasheet
46Kb / 2P
Surface Mount Switching Diode
MMBD4148 TSC-MMBD4148 Datasheet
53Kb / 2P
Surface Mount Switching Diode
MMBD4448H TSC-MMBD4448H Datasheet
44Kb / 2P
Surface Mount Switching Diode
BAV23S TSC-BAV23S Datasheet
46Kb / 2P
Surface Mount Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com