Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D1213 Datasheet(PDF) 4 Page - Seme LAB

Part # D1213
Description  METAL GATE RF SILICON FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

D1213 Datasheet(HTML) 4 Page - Seme LAB

  D1213 Datasheet HTML 1Page - Seme LAB D1213 Datasheet HTML 2Page - Seme LAB D1213 Datasheet HTML 3Page - Seme LAB D1213 Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
!Freq
S11
S21
S12
S22
MHz
mag
ang
mag
ang
mag
ang
mag
ang
70
0.69
-147
6.8
68
0.021
-1
0.77
-160
100
0.74
-153
4.5
59
0.017
10
0.79
-163
150
0.82
-161
2.5
47
0.015
50
0.84
-167
200
0.86
-167
1.6
42
0.024
78
0.87
-169
250
0.89
-172
1.2
35
0.037
83
0.89
-171
300
0.90
-176
1.0
33
0.052
87
0.90
-173
350
0.91
-179
0.7
27
0.064
82
0.91
-175
400
0.92
178
0.6
26
0.082
82
0.92
-177
450
0.93
174
0.5
23
0.095
80
0.93
-178
500
0.93
171
0.5
21
0.116
77
0.93
-179
550
0.93
168
0.4
20
0.130
73
0.94
180
600
0.93
164
0.4
15
0.148
66
0.94
178
650
0.93
162
0.3
18
0.159
66
0.95
177
700
0.92
158
0.3
16
0.173
60
0.94
177
750
0.92
155
0.3
21
0.182
58
0.95
176
800
0.91
153
0.3
23
0.189
56
0.96
175
850
0.92
151
0.3
29
0.207
59
0.96
173
900
0.94
148
0.3
29
0.235
59
0.95
171
950
0.95
144
0.3
31
0.275
56
0.93
170
1000
0.93
140
0.4
29
0.308
52
0.92
168
!VDS = 7.2V
IDQ = 0.2A
# MHZ S MA R 50
Typical S Parameters
D1213UK
Prelim. 7/99
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com