Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV99DW Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BAV99DW
Description  Surface Mount Switching Diode Array
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BAV99DW Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BAV99DW Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BAV99DW Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
BAV99DW
Quad Chips
Surface Mount Switching Diode Array
MAXIMUM RATINGS (EACH DIODE)
Rating
Symbol
Value
Unit
Reverse Voltage
VR
75
Vdc
Forward Current
IF
150
mAdc
Peak Forward Surge Current
IFM(surge)
400
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR– 5 Board(1)
TA = 25°C
Derate above 25
°C
PD
200
1.8
mW
mW/
°C
Thermal Resistance, Junction to Ambient
RqJA
556
°C/W
Total Device Dissipation
Alumina Substrate,(2) TA = 25°C
Derate above 25
°C
PD
250
2.4
mW
mW/
°C
Thermal Resistance, Junction to Ambient
RqJA
417
°C/W
Junction and Storage Temperature
TJ, Tstg
– 55 to +150
°C
DEVICE MARKING
BAV99DW= KJG
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (EACH DIODE)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Reverse Breakdown Voltage
(I(BR) = 100 µAdc)
V(BR)
75
—
Vdc
Reverse Voltage Leakage Current
(VR = 25 Vdc, TJ = 150°C)
(VR = 70 Vdc)
(VR = 70 Vdc, TJ = 150°C)
IR
—
—
—
30
2.5
50
µAdc
Diode Capacitance
(VR = 0, f = 1.0 MHz)
CD
—
2
pF
Forward Voltage
(IF = 1.0 mAdc)
(IF = 10 mAdc)
(IF = 50 mAdc)
(IF = 150 mAdc)
VF
—
—
—
—
715
855
1000
1250
mVdc
Reverse Recovery Time
(IF = IR = 10 mAdc, IR(REC) = 1.0 mAdc) (Figure 1) RL = 100 Ω
trr
—
4.0
ns
1. FR–5 = 1.0 X 0.75 X 0.062 in. 2.Alumina = 0.4 X 0.3 X 0.024 in. 99.5% alumina.
FEATURES
·
Fast Switching Speed
·
Surface Mount Package Ideally Suited for
Automatic Insertion
·
For General Purpose Switching Applications
·
High Conductance
http://www.SeCoSGmbH.com
Elektronische Bauelemente
TOP VIEW
01-J
an-2006 Rev. B
Page 1 of 2
SOT-363
Dimensions in inches and (millimeters)
.014(0.35)
.006(0.15)
.087(2.20)
.079(2.00)
.055(1.40)
.047(1.20)
.026TYP
(0.65TYP)
.096(2.45)
.085(2.15)
.021REF
(0.525)REF
.018(0.46)
.010(0.26)
.006(0.15)
.003(0.08)
.053(1.35)
.045(1.15)
.043(1.10)
.035(0.90)
.039(1.00)
.035(0.90)
.004(0.10)
.000(0.00)
8
o
o
0
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - BAV99DW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV99DW DIODES-BAV99DW Datasheet
67Kb / 3P
QUAD SURFACE MOUNT SWITCHING DIODE ARRAY
DS30145 Rev. C-2
logo
Weitron Technology
BAV99DW WEITRON-BAV99DW Datasheet
277Kb / 3P
Surface Mount Switching Multi-Chip Diode Array
logo
Diodes Incorporated
BAV99DW DIODES-BAV99DW Datasheet
73Kb / 3P
QUAD SURFACE MOUNT SWITCHING DIODE ARRAY
DS30145 Rev. 9 - 2
logo
Guangdong Kexin Industr...
BAV99DW KEXIN-BAV99DW Datasheet
43Kb / 1P
Quad Surface Mount Switching Diode Array
logo
Diodes Incorporated
BAV99DW DIODES-BAV99DW Datasheet
85Kb / 3P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev. 13 - 2 January 2009
More results

Similar Description - BAV99DW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV70DW DIODES-BAV70DW_08 Datasheet
130Kb / 3P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev. 11 - 2 April 2008
BAV99DW DIODES-BAV99DW_09 Datasheet
85Kb / 3P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev. 13 - 2 January 2009
BAW56DW DIODES-BAW56DW_08 Datasheet
125Kb / 3P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev. 10 - 2 March 2008
logo
SeCoS Halbleitertechnol...
MMBD4448HAQW SECOS-MMBD4448HAQW Datasheet
1Mb / 2P
Surface Mount Switching Diode Array
logo
Diodes Incorporated
BAV99BRLP DIODES-BAV99BRLP Datasheet
84Kb / 4P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev 4
BAV70DV DIODES-BAV70DV_15 Datasheet
96Kb / 4P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev 4
BAV99DWQ DIODES-BAV99DWQ Datasheet
195Kb / 4P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev erse
BAS16HTW DIODES-BAS16HTW Datasheet
334Kb / 5P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev erse
BAW56HDW DIODES-BAW56HDW Datasheet
363Kb / 5P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev erse
BAS16VV DIODES-BAS16VV Datasheet
598Kb / 5P
SURFACE MOUNT SWITCHING DIODE ARRAY
February 2023 Rev. 4 - 2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com