Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV199 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BAV199
Description  Plastic-Encapsulate Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BAV199 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BAV199 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BAV199 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
BAV199
Switching Diode
Plastic-Encapsulate Diode
L
A
B S
G
V
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2002 Rev. A
Page 1 of 2
K
J
C
H
D
Top View
1
2
3
Dim
Min
Max
A
2.800
3.040
B
1.200
1.400
C
0.890
1.110
D
0.370
0.500
G
1.780
2.040
H
0.013
0.100
J
0.085
0.177
K
0.450
0.600
L
0.890
1.020
S
2.100
2.500
V
0.450
0.600
All Dimension in mm
SOT-23
Features
Forward Current
IF:
215
mA
Reverse Voltage
VR:
70
V
Operating and storage junction temperature range
TJ, Tstg: -55
to +150 C
o
ELECTRICAL CHARACTERISTICS (Tamb=25
unless
otherwise
specified)
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
C
o
Reverse breakdown voltage
V(BR)
IR= 100
µA
70
V
Reverse voltage
leakage current
IR
VR=70V
5
nA
Forward
voltage
VF
IF=1mA
IF=10mA
IF=50mA
IF=150mA
900
1000
1100
1250
mV
Diode
capacitance
CD
VR=0V, f=1MHz
2
pF
Reverse recovery time
t r r
3
µS
Marking
JY
Marking
JY
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - BAV199

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV199 PHILIPS-BAV199 Datasheet
53Kb / 8P
Low-leakage double diode
1999 May 11
logo
Siemens Semiconductor G...
BAV199 SIEMENS-BAV199 Datasheet
98Kb / 4P
Silicon Low Leakage Diode Array (Low-leakage applications Medium speed switching times Connected in series)
logo
Diodes Incorporated
BAV199 DIODES-BAV199 Datasheet
44Kb / 2P
Introducing Very Low Leakage SOT-23 Diodes:
DS30233 Rev. 9 - 2
BAV199 DIODES-BAV199 Datasheet
155Kb / 2P
DUAL SURFACE MOUNT LOW LEAKAGE DIODE
DS30232 Rev. 3 - 2
logo
Infineon Technologies A...
BAV199 INFINEON-BAV199 Datasheet
446Kb / 4P
Silicon Low Leakage Diode
Mar-10-2004
More results

Similar Description - BAV199

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BZX84C2V4-SOT-23 JIANGSU-BZX84C2V4-SOT-23 Datasheet
134Kb / 3P
Plastic-Encapsulate Diode
logo
TRANSYS Electronics Lim...
MMBD4448AQW TEL-MMBD4448AQW Datasheet
121Kb / 2P
Plastic-Encapsulate Diode
logo
SeCoS Halbleitertechnol...
BAV199DW SECOS-BAV199DW Datasheet
104Kb / 1P
Switching Diode Plastic-Encapsulate Diode
BAV199DW SECOS-BAV199DW_15 Datasheet
104Kb / 1P
Switching Diode Plastic-Encapsulate Diode
SCS401F SECOS-SCS401F_15 Datasheet
139Kb / 2P
Plastic-Encapsulate Schottky Diode
logo
SHENZHEN YONGERJIA INDU...
MMBZ5221B WINNERJOIN-MMBZ5221B_15 Datasheet
137Kb / 2P
Plastic-Encapsulate Diode
logo
SeCoS Halbleitertechnol...
BAV70DW SECOS-BAV70DW Datasheet
257Kb / 2P
Switching Diode Plastic-Encapsulate Diode
logo
Dongguan City Niuhang E...
BZT52B2V4 NIUHANG-BZT52B2V4 Datasheet
1Mb / 6P
PLASTIC-ENCAPSULATE ZENER DIODE
BZT52C2V0S NIUHANG-BZT52C2V0S Datasheet
1Mb / 6P
PLASTIC-ENCAPSULATE ZENER DIODE
MMBD4148 NIUHANG-MMBD4148 Datasheet
212Kb / 3P
PLASTIC-ENCAPSULATE SWITCHING DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com