Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAW56 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BAW56
Description  Dual Chips Common Anode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BAW56 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BAW56 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BAW56 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
BAW56
Dual Chips Common Anode
Surface Mount Switching Diode
A
MAXIMUM RATINGS (EACH DIODE)
Rating
Symbol
Value
Unit
Reverse Voltage
VR
70
Vdc
Forward Current
IF
200
mAdc
Peak Forward Surge Current
IFM(surge)
500
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR– 5 Board(1)
TA = 25°C
Derate above 25
°C
PD
225
1.8
mW
mW/
°C
Thermal Resistance, Junction to Ambient
RqJA
556
°C/W
Total Device Dissipation
Alumina Substrate,(2) TA = 25°C
Derate above 25
°C
PD
300
2.4
mW
mW/
°C
Thermal Resistance, Junction to Ambient
RqJA
417
°C/W
Junction and Storage Temperature
TJ, Tstg
– 55 to +150
°C
DEVICE MARKING
BAW56 = A1
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (EACH DIODE)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Reverse Breakdown Voltage
(I(BR) = 100 µAdc)
V(BR)
70
—
Vdc
Reverse Voltage Leakage Current
(VR = 25 Vdc, TJ = 150°C)
(VR = 70 Vdc)
(VR = 70 Vdc, TJ = 150°C)
IR
—
—
—
30
2.5
50
µAdc
Diode Capacitance
(VR = 0, f = 1.0 MHz)
CD
—
2.0
pF
Forward Voltage
(IF = 1.0 mAdc)
(IF = 10 mAdc)
(IF = 50 mAdc)
(IF = 150 mAdc)
VF
—
—
—
—
715
855
1000
1250
mVdc
Reverse Recovery Time
(IF = IR = 10 mAdc, IR(REC) = 1.0 mAdc) (Figure 1) RL = 100 Ω
trr
—
6.0
ns
1. FR–5 = 1.0 X 0.75 X 0.062 in. 2.Alumina = 0.4 X 0.3 X 0.024 in. 99.5% alumina.
FEATURES
·
Fast Switching Speed
·
Surface Mount Package Ideally Suited for
Automatic Insertion
·
For General Purpose Switching Applications
·
High Conductance
ANODE
3
CATHODE
1
2
CATHODE
K
J
C
H
L
B S
G
V
3
1
2
D
Top View
Dim
Min
Max
A
2.800
3.040
B
1.200
1.400
C
0.890
1.110
D
0.370
0.500
G
1.780
2.040
H
0.013
0.100
J
0.085
0.177
K
0.450
0.600
L
0.890
1.020
S
2.100
2.500
V
0.450
0.600
All Dimension in mm
SOT-23
1
2
3
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2002 Rev. A
Page 1 of 2
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - BAW56

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAW56 PANJIT-BAW56 Datasheet
113Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAW56 PHILIPS-BAW56 Datasheet
56Kb / 12P
High-speed double diode
1999 May 11
logo
Vishay Siliconix
BAW56 VISHAY-BAW56 Datasheet
53Kb / 4P
Dual Surface Mount Switching Diode
17-Mar-99
logo
Transys Electronics
BAW56 TRSYS-BAW56 Datasheet
199Kb / 2P
DUAL SURFACE MOUNT SWITCHING DIODE
logo
Won-Top Electronics
BAW56 WTE-BAW56 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - BAW56

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MSD6150 MOTOROLA-MSD6150 Datasheet
64Kb / 4P
Dual Diode Common Anode
logo
List of Unclassifed Man...
C10920FR ETC-C10920FR Datasheet
31Kb / 2P
FRD DUAL DIODE - ANODE COMMON
logo
Nihon Inter Electronics...
F10P40FR NIEC-F10P40FR Datasheet
31Kb / 2P
FRD DUAL DIODES - ANODE COMMON
logo
Silan Microelectronics ...
2KG037075PJL SILAN-2KG037075PJL Datasheet
77Kb / 1P
COMMON ANODE DOUBLE DICE SWITCHING DIODE CHIPS
logo
ON Semiconductor
BAW56WT1G ONSEMI-BAW56WT1G Datasheet
124Kb / 4P
Dual Switching Diode, Common Anode
October, 2010 -- Rev. 6
logo
SeCoS Halbleitertechnol...
BAW56 SECOS-BAW56_15 Datasheet
504Kb / 2P
Dual Chips Common Anode Surface Mount Switching Diode
logo
ON Semiconductor
MSD6150 ONSEMI-MSD6150 Datasheet
110Kb / 3P
Dual Diode Common Anode
August, 2006 ??Rev. 3
logo
KODENSHI_AUK CORP.
SDB2080PR KODENSHI-SDB2080PR Datasheet
237Kb / 5P
DUAL COMMON ANODE SCHOTTKY RECTIFIER
SDB10150PR KODENSHI-SDB10150PR Datasheet
208Kb / 5P
Dual Common Anode Schottky Rectifier
logo
SHIKUES Electronics
MMBZ5V6A SKTECHNOLGY-MMBZ5V6A Datasheet
1Mb / 4P
Dual Common Anode Zener TVS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com