Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDLL5285 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # CDLL5285
Description  CURRENT REGULATOR DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

CDLL5285 Datasheet(HTML) 1 Page - Microsemi Corporation

  CDLL5285 Datasheet HTML 1Page - Microsemi Corporation CDLL5285 Datasheet HTML 2Page - Microsemi Corporation CDLL5285 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http: //www.microsemi.com
CURRENT REGULATOR DIODES
– LEADLESS PACKAGE FOR SURFACE MOUNT
– METALLURGICALLY BONDED
Qualified per MIL-PRF-19500/463
LDS-0160 Rev. 1 (100435)
Page 1 of 3
DEVICES
QUALIFIED LEVELS
JAN
JANTX
JANTXV
JANS
1N5283UR-1 Thru 1N5314UR-1
CDLL5283 Thru CDLL5314
MAXIMUM RATING AT 25°C
Operating Temperature:
-65°C to +175°C
Storage Temperature:
-65°C to +175°C
DC Power Dissipation:
500mW @ +75°C @ TEC = +125°C
Power Derating:
10mW / °C above TEC = +125°C
Peak Operating Voltage:
100 Volts
ELECTRICAL CHARACTERISTICS (TA = 25°C, unless otherwise specified)
TYPE
NUMBER
REGULATOR CURRENT
Ip (mA) @ VS = 25V
MINIMUM DYNAMIC
IMPEDANCE
@ VS = 25
ZS (M)
(Note 1)
MINIMUM KNEE
IMPEDANCE
@ VK = 6.0V
ZK (M)
(Note 2)
MAXIMUM
LIMITING
VOLTAGE
@ IL = 0.8 Ip (min)
VL (VOLTS)
NOM
MIN
MAX
CDLL5283
CDLL5284
CDLL5285
CDLL5286
CDLL5287
0.22
0.24
0.27
0.30
0.33
0.198
0.216
0.243
0.270
0.297
0.242
0.264
0.297
0.330
0.363
25.0
19.0
14.0
9.0
6.6
2.75
2.35
1.95
1.60
1.35
1.00
1.00
1.00
1.00
1.00
CDLL5288
CDLL5289
CDLL5290
CDLL5291
CDLL5292
0.39
0.43
0.47
0.56
0.62
0.351
0.387
0.423
0.504
0.558
0.429
0.473
0.517
0.616
0.682
4.10
3.30
2.70
1.90
1.55
1.00
0.870
0.750
0.560
0.470
1.05
1.05
1.05
1.10
1.13
CDLL5293
CDLL5294
CDLL5295
CDLL5296
CDLL5297
0.68
0.75
0.82
0.91
1.00
0.612
0.675
0.738
0.819
0.900
0.748
0.825
0.902
1.001
1.100
1.35
1.15
1.00
0.880
0.800
0.400
0.335
0.290
0.240
0.205
1.15
1.20
1.25
1.29
1.35
CDLL5298
CDLL5299
CDLL5300
CDLL5301
CDLL5302
1.10
1.20
1.30
1.40
1.50
0.990
1.08
1.17
1.26
1.35
1.210
1.32
1.43
1.54
1.65
0.700
0.640
0.580
0.540
0.510
0.180
0.155
0.135
0.115
0.105
1.40
1.45
1.50
1.55
1.60
CDLL5303
CDLL5304
CDLL5305
CDLL5306
CDLL5307
1.60
1.80
2.00
2.20
2.40
1.44
1.62
1.80
1.98
2.16
1.76
1.98
2.20
2.42
2.64
0.475
0.420
0.395
0.370
0.345
0.092
0.074
0.061
0.052
0.044
1.65
1.75
1.85
1.95
2.00
CDLL5308
CDLL5309
CDLL5310
CDLL5311
CDLL5312
2.70
3.00
3.30
3.60
3.90
2.43
2.70
2.97
3.24
3.51
2.97
3.30
3.63
3.96
4.29
0.320
0.300
0.280
0.265
0.255
0.035
0.029
0.024
0.020
0.017
2.15
2.25
2.35
2.50
2.60
CDLL5313
CDLL5314
4.30
4.70
3.87
4.23
4.73
5.17
0.245
0.235
0.014
0.012
2.75
2.90
NOTE 1: ZS is derived by superimposing A 90Hz RMS signal equal to 10% of VS on VS
NOTE 2: ZK is derived by superimposing A 90Hz RMS signal equal to 10% of VK on VK
DO-213AB


Similar Part No. - CDLL5285

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CDLL5285 CDI-DIODE-CDLL5285 Datasheet
27Kb / 2P
CURRENT REGULATOR DIODES
logo
Microsemi Corporation
CDLL5285 MICROSEMI-CDLL5285 Datasheet
38Kb / 2P
CURRENT REGULATOR DIODES
More results

Similar Description - CDLL5285

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5283 MOTOROLA-1N5283 Datasheet
119Kb / 5P
CURRENT REGULATOR DIODES
logo
Compensated Deuices Inc...
1N5283 CDI-DIODE-1N5283 Datasheet
30Kb / 2P
CURRENT REGULATOR DIODES
DCR250 CDI-DIODE-DCR250 Datasheet
15Kb / 1P
CURRENT REGULATOR DIODES
logo
Microsemi Corporation
CDLL250 MICROSEMI-CDLL250 Datasheet
19Kb / 1P
CURRENT REGULATOR DIODES
DCR250 MICROSEMI-DCR250 Datasheet
19Kb / 1P
CURRENT REGULATOR DIODES
1N5283 MICROSEMI-1N5283_10 Datasheet
30Kb / 1P
CURRENT REGULATOR DIODES
logo
Digitron Semiconductors
1N5283 DIGITRON-1N5283 Datasheet
132Kb / 3P
CURRENT REGULATOR DIODES
logo
New Jersey Semi-Conduct...
J500 NJSEMI-J500 Datasheet
632Kb / 2P
Current Regulator Diodes
2N5283 NJSEMI-2N5283 Datasheet
196Kb / 2P
CURRENT REGULATOR DIODES
logo
Microsemi Corporation
JAN1N5283-1 MICROSEMI-JAN1N5283-1 Datasheet
223Kb / 6P
CURRENT REGULATOR DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com