Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDLL5286 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # CDLL5286
Description  CURRENT REGULATOR DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

CDLL5286 Datasheet(HTML) 3 Page - Microsemi Corporation

  CDLL5286 Datasheet HTML 1Page - Microsemi Corporation CDLL5286 Datasheet HTML 2Page - Microsemi Corporation CDLL5286 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http: //www.microsemi.com
LDS-0160 Rev. 1 (100435)
Page 3 of 3
PACKAGE DIMENSIONS
NOTE:
Dimensions
1. Dimensions are in inches.
Ltr
Inches
Millimeters
2. Millimeters are given for general information only.
Min
Max
Min
Max
3. In accordance with ASME Y14.5M, diameters are equivalent to
Φx
BD
.094
.105
2.39
2.67
symbology.
BL
.189
.205
4.80
5.21
ECT
.016
.022
0.41
0.55
S
.001 min
0.03 min
FIGURE 1. Physical dimensions (DO-213AB).
DESIGN DATA
CASE: DO-213AB, Hermetically sealed glass case. (MELF, LL41).
LEAD FINISH: Tin / Lead
THERMAL RESISTANCE: (RθJEC): 50°C/W maximum at L = 0 inch
THERMAL IMPEDANCE: (ZθJX): 25°C/W maximum
POLARITY: Diode to be operated with the banded (Cathode) end negative.
MOUNTING SURFACE SELECTION: The Axial Coefficient of Expansion (COE) of this device is approximately +6PPM/°C.
The COE of the Mounting Surface System should be selected to provide A suitable match with this device.
DO-213AB



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com