Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDLL2810 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # CDLL2810
Description  SCHOTTKY BARRIER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

CDLL2810 Datasheet(HTML) 3 Page - Microsemi Corporation

  CDLL2810 Datasheet HTML 1Page - Microsemi Corporation CDLL2810 Datasheet HTML 2Page - Microsemi Corporation CDLL2810 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
T4-LDS-0041 Rev. 1 (100246)
Page 3 of 3
PACKAGE DIMENSIONS
NOTE:
Dimensions
1. Dimensions are in inches. Millimeters are given for general
Symbol
Inches
Millimeters
Notes
information only.
Min
Max
Min
Max
2. In accordance with ASME Y14.5M, diameters are equivalent to
Φx
BD
.063
.067
1.60
1.70
symbology.
BL
.130
.146
3.30
3.71
ECT
.016
.022
0.41
0.55
S
.001 Min
DESIGN DATA
CASE: DO-213AA, Hermetically sealed glass case. (MELF, SOD-80, LL34)
LEAD FINISH: Tin / Lead
THERMAL RESISTANCE: (RθJEC): 100°C/W maximum at L = 0 inch
THERMAL IMPEDANCE: (ZθJX): 40°C/W maximum.
POLARITY: Cathode end is banded.
MOUNTING POSITION SURFACE SELECTION: The Axial Coefficient of Expansion (COE) of this device is approximately +6PPM/°C.
The COE of the Mounting Surface System should be selected to provide a suitable match with this device.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com