Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2003UK Datasheet(PDF) 3 Page - Seme LAB

Part # D2003UK
Description  METAL GATE RF SILICON FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

D2003UK Datasheet(HTML) 3 Page - Seme LAB

  D2003UK Datasheet HTML 1Page - Seme LAB D2003UK Datasheet HTML 2Page - Seme LAB D2003UK Datasheet HTML 3Page - Seme LAB D2003UK Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
D2003UK
Prelim.01/01
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Figure 1 Output Power and Gain vs. Input power
Figure 2 Output Power and Efficiency vs. Input Power
Figure 3 IMD Vs. Output Power.
OPTIMUM SOURCE AND LOAD IMPEDANCE
Frequency
ZS
ZL
MHz
W
W
W
W
W
W
W
W
1000MHZ
1.1 - j2.5
5.1 - j17.1








3LQ:






3RXW
:












*DLQ
G%
3RXW
*DLQ
9GV 9
,GT $
I *+]








3LQ:






3RXW
:






'UDLQ(IILFLHQF\

3RXW
'UDLQ(IILFLHQF\
9GV 9
,GT $
I *+]











3RXW:3(3









,0'
G%F
,GT $
,GT $
I 0+]
I 0+]
9GV 9
!Freq
S11
S21
S12
S22
!MHz
mag
ang
mag
ang
mag
ang
mag
ang
70
0.97
-36.4
15.8 156.6
0.017
67.2
0.91
-23.2
100
0.94
-48.0
14.1 146.3
0.021
58.1
0.88
-30.1
150
0.88
-65.3
12.3 129.9
0.027
45.5
0.81
-40.3
200
0.84
-78.5
10.2 114.7
0.029
34.8
0.77
-48.1
250
0.82
-88.4
8.8
106.0
0.029
28.1
0.75
-54.2
300
0.79
-97.1
7.7
98.3
0.029
27.3
0.73
-59.1
350
0.78 -105.5
6.9
88.5
0.028
22.2
0.72
-64.3
400
0.77 -113.3
6.0
84.5
0.026
24.2
0.71
-69.3
450
0.77 -121.8
5.4
77.8
0.024
23.3
0.70
-75.2
500
0.77 -128.9
4.9
75.3
0.022
29.6
0.70
-80.4
550
0.78 -136.7
4.6
68.3
0.020
35.0
0.70
-86.5
600
0.78 -144.0
4.4
65.4
0.020
46.6
0.70
-93.6
650
0.78 -150.8
4.0
57.2
0.020
57.6
0.70
-99.6
700
0.79 -156.7
3.7
52.3
0.022
68.5
0.71 -105.8
750
0.79 -160.9
3.4
46.7
0.025
76.6
0.70 -111.3
800
0.78 -164.2
3.0
41.4
0.028
81.6
0.69 -115.6
850
0.78 -166.3
2.7
39.5
0.032
87.8
0.68 -117.0
900
0.79 -168.5
2.6
38.4
0.036
92.3
0.68 -119.3
950
0.78 -170.3
2.5
36.8
0.044
97.4
0.70 -121.0
1000
0.79 -172.5
2.4
33.0
0.053
97.4
0.70 -124.2
! Vds=28V, Idq=0.1A
# MHZ S MA R 50
Typical S Parameters



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com