Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2003 Datasheet(PDF) 4 Page - Seme LAB

Part # D2003
Description  METAL GATE RF SILICON FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

D2003 Datasheet(HTML) 4 Page - Seme LAB

  D2003 Datasheet HTML 1Page - Seme LAB D2003 Datasheet HTML 2Page - Seme LAB D2003 Datasheet HTML 3Page - Seme LAB D2003 Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
D2003UK
Prelim.01/01
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
T2
100nF
1nF
1K 2
D2 0 0 3 U K
L3
10
100uF
1- 10pF
30pF
30pF
3. 6pF
9. 1pF
D 2 00 3U K
3. 6pF
1- 10pF
6. 8K
10nF
30pF
30pF
T1 7
1- 10pF
1K 2
1K 2
L2
L1
T1
T3
T4
T6
T7
T8
T9
T1 0
Ga t e - B i a s
T5
+2 8 V
T1 1
T 1 3
T1 6
T1 2
T1 5
T1 4
1000MHz TEST FIXTURE
Substrate 0.8mm thick PTFE/glass
All microstrip lines W = 2.7mm
T1
15.7
T2, T17
45mm 50 OHM UT 34 semi-rigid coax
T3, T7
7mm
T4, T8
15mm
T5, T9
7.6mm
T6, T10
8mm
T11,T14
8mm
T12,T15
11.2mm
T13,T16
7mm
L1, L2
6 turns 24swg enamelled copper wire, 3mm i.d.
L3
1.5 turn 24swg enamelled copper wire on Siemens B62152-A7X
2 hole core



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com