Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N2905 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N2905
Description  PNP SWITCHING SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N2905 Datasheet(HTML) 2 Page - Microsemi Corporation

  2N2905 Datasheet HTML 1Page - Microsemi Corporation 2N2905 Datasheet HTML 2Page - Microsemi Corporation 2N2905 Datasheet HTML 3Page - Microsemi Corporation 2N2905 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http: //www.microsemi.com
T4-LDS-0186 Rev. 1 (101764)
Page 2 of 4
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted) (CONT.)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
ON CHARACTERTICS
(3)
Forward-Current Transfer Ratio
hFE
IC = 0.1mAdc, VCE = 10Vdc
2N2904
2N2905
2N2904A, 2N2904AL
2N2905A, 2N2905AL
20
35
40
75
IC = 1.0mAdc, VCE = 10Vdc
2N2904
2N2905
2N2904A, 2N2904AL
2N2905A, 2N2905AL
25
50
40
100
175
450
175
450
IC = 10mAdc, VCE = 10Vdc
2N2904
2N2905
2N2904A, 2N2904AL
2N2905A, 2N2905AL
35
75
40
100
IC = 150mAdc, VCE = 10Vdc
2N2904, 2N2904A / AL
2N2905, 2N2905A / AL
40
100
120
300
IC = 500mAdc, VCE = 10Vdc
2N2904
2N2905
2N2904A, 2N2904AL
2N2905A, 2N2905AL
20
30
40
50
Collector-Emitter Saturation Voltage
VCE(sat)
Vdc
IC = 150mAdc, IB = 15mAdc
IC = 500mAdc, IB = 50mAdc
0.4
1.6
Base-Emitter Saturation Voltage
VBE(sat)
Vdc
IC = 150mA, IB = 15mAdc
IC = 500mA, IB = 50mAdc
1.3
2.6



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com