Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3821 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # 2N3821
Description  N-CHANNEL J-FET DEPLETION MODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3821 Datasheet(HTML) 3 Page - Microsemi Corporation

  2N3821 Datasheet HTML 1Page - Microsemi Corporation 2N3821 Datasheet HTML 2Page - Microsemi Corporation 2N3821 Datasheet HTML 3Page - Microsemi Corporation 2N3821 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http://www.microsemi.com
T4-LDS-0005 Rev. 2 (101425)
Page 3 of 4
PACKAGE DIMENSIONS
NOTE:
* 1 Dimensions are in inches. Millimeters are given for general information only.
2
Measured in the zone beyond .250 (6.35 mm) from the seating plane.
3
Measured in the zone .050 (1.27 mm) and .250 (6.35 mm) from the seating plane.
4
When measured in a gauging plane .054 +.001, -.000 (1.37 +.3, -.00 mm) before the seating plane of the transistor,
maximum diameter leads shall be within .007 (.18 mm) of their true location relative to a maximum width tab. Smaller
diameter leads shall fall within the outline of the maximum diameter lead tolerance.
5
The active elements are electrically insulated from the case.
6
All 4 leads.
7
Lead 1 is the source, lead 2 is the drain, lead 3 is the gate, and lead 4 is the case.
8
Symbol TL is measured from HD maximum.
9
In accordance with ASME Y14.5M, diameters are equivalent to φx symbology.
*FIGURE 1 Physical dimensions (similar to TO-72)
Dimensions
Ltr
Inches
Millimeters
Notes
Min
Max
Min
Max
CD
.178
.195
4.52
4.95
CH
.170
.210
4.32
5.33
HD
.209
.230
5.31
5.84
L1
.050
1.27
L2
.250
6.35
LC
.100 TP
2.54 TP
LD
.016
.021
0.41
0.53
2, 6
LL
.500
.750
12.70 19.05
6
LU
.016
.019
0.41
0.48
3, 6
Q
.040
1.02
r
.007
0.18
TL
.028
.048
0.71
1.22
8
TW
.036
.046
0.91
1.17
α
45° TP



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com