Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6901 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N6901
Description  N-CHANNEL LOGIC LEVEL MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N6901 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N6901 Datasheet HTML 1Page - Microsemi Corporation 2N6901 Datasheet HTML 2Page - Microsemi Corporation 2N6901 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http://www.microsemi.com
N-CHANNEL LOGIC LEVEL MOSFET
Qualified per MIL-PRF-19500/570
T4-LDS-0188 Rev. 1 (101985)
Page 1 of 3
DEVICES
LEVELS
2N6901
JAN
JANTX
JANTXV
ABSOLUTE MAXIMUM RATINGS (TC = +25°C unless otherwise noted)
Parameters / Test Conditions
Symbol
Value
Unit
Drain – Source Voltage
VDS
100
Vdc
Gate – Source Voltage
VGS
± 10
Vdc
Continuous Drain Current
TC = +25°C
ID1
1.69
Adc
Continuous Drain Current
TC = +100°C
ID2
1.07
Adc
Max. Power Dissipation
Ptl
8.33 (1)
W
Drain to Source On State Resistance
Rds(on)
1.4 (2)
Ω
Operating & Storage Temperature
Top, Tstg
-55 to +150
°C
Note: (1) Derated Linearly by 0.067 W/°C for TC > +25°C
(2) VGS = 5Vdc, ID = 1.07A
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
OFF CHARACTERTICS
Drain-Source Breakdown Voltage
VGS = 0V, ID = -1mAdc
V(BR)DSS
100
Vdc
Gate-Source Voltage (Threshold)
VDS ≥ VGS, ID = 1.0mA
VDS ≥ VGS, ID = 1.0mA, Tj = +125°C
VDS ≥ VGS, ID = 1.0mA, Tj = -55°C
VGS(th)1
VGS(th)2
VGS(th)3
1.0
0.5
2.0
3.0
Vdc
Gate Current
VGS = ±10V, VDS = 0V
VGS = ±10V, VDS = 0V, Tj = +125°C
IGSS1
IGSS2
±100
±200
nAdc
Drain Current
VGS = 0V, VDS = 80V
VGS = 0V, VDS = 80V, Tj = +125°C
IDSS1
IDSS2
1.0
50.0
µAdc
uAdc
Static Drain-Source On-State Resistance
VGS = 5V, ID = 1.07A pulsed
Tj = -125°C
VGS = 5V, ID = 1.07A pulsed
rDS(on)1
rDS(on)2
1.4
2.6
Ω
Ω
Diode Forward Voltage
VGS = 0V, ID = 1.69A pulsed
VSD
0.8
1.6
Vdc
2N6901
TO-205AF
(formerly TO-39)
SEE FIGURE 1


Similar Part No. - 2N6901

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N6901 NJSEMI-2N6901 Datasheet
118Kb / 1P
N-CHANNEL ENHANCEMENT MOSFET
More results

Similar Description - 2N6901

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRLZ44 SAMSUNG-IRLZ44 Datasheet
209Kb / 4P
N-CHANNEL LOGIC LEVEL MOSFET
logo
Fairchild Semiconductor
FDD6035AL FAIRCHILD-FDD6035AL Datasheet
119Kb / 6P
N-Channel, Logic Level, PowerTrench MOSFET
logo
Analog Power
AM3402N ANALOGPOWER-AM3402N Datasheet
245Kb / 5P
N-Channel Logic Level MOSFET
AM3438NE ANALOGPOWER-AM3438NE Datasheet
256Kb / 5P
N-Channel Logic Level MOSFET
AM2310N ANALOGPOWER-AM2310N Datasheet
244Kb / 5P
N-Channel Logic Level MOSFET
AM3414N ANALOGPOWER-AM3414N Datasheet
105Kb / 3P
N-Channel Logic Level MOSFET
logo
SeCoS Halbleitertechnol...
SMG2318N SECOS-SMG2318N Datasheet
474Kb / 4P
N-Channel Logic Level MOSFET
SMG2318N SECOS-SMG2318N_15 Datasheet
474Kb / 4P
N-Channel Logic Level MOSFET
logo
ARTSCHIP ELECTRONICS CO...
IRLZ44 ARTSCHIP-IRLZ44 Datasheet
240Kb / 4P
N-CHANNEL LOGIC LEVEL MOSFET
logo
NIKO SEMICONDUCTOR CO.,...
PA5S6EA NIKOSEM-PA5S6EA Datasheet
346Kb / 4P
N-Channel Logic Level MOSFET
REV 1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com