Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP69 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BCP69
Description  Silicon Epitaxial Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BCP69 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BCP69 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BCP69 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
BC
P69
P
NP Transistor
Silicon Epitaxial Transistor
RoHS Compliant Product
http://www.SeCoSGmbH.com
Elektronische Bauelemente
The BCP69 is designed for guse in
low voltage and medium power
applications.
Description
* VCEO : -20V
* IC : 1A
Features
ELECTRICAL CHARACTERISTICS Tamb=25 unless otherwise specified
Parameter
Symbol
Min
Typ.
Max
Uni Test Conditions
Collector-Base Breakdown Voltage
BVCBO
- 25
-
-
V
IC=-100µA, IE=0
IC=-1mA, IB=0
IE=-10µA, IC=0
VCB=- 25V, IE=0
VEB=-5V, IC=0
IC=-1mA, IB=-100mA
VCE=-1V, IC=-1A
VCE=-10V, IC=-5mA
VCE=-1V, IC=-500mA
VCE=-1V, IC=-1A
VCE=- 5V, IC=-10 mA
BVCEO
- 20
-
-
V
BVEBO
-5
-
-
V
ICBO
-
-
- 10
uA
IEBO
-
-
- 10
uA
*VCE(sat)1
-
- 500
mV
*VBE(on)
-
- 1.0
V
*hFE1
50
-
*hFE2
85
375
*hFE3
60
-
fT
-
60
-
MH
-
-
-
-
z
Collector-Emitter Breakdown Voltage
Emitter-Base Breakdown Voltage
Collector-Base Cutoff Current
Emitter-Base Cutoff Current
Collector Saturation Voltage
Base-Emitter Voltage
DC Current Gain
Gain-Bandwidth Product
C
-
MAXIMUM RATINGS* (Tamb =25 , unless otherwise specified)
C
o
Symbol
Parameter
Value
Collector Current
IC
Tstg
TJ,
Junction and
Total Power Dissipation
VEBO
PD
Emitter-Base Voltage
-5
1.5
V
A
W
Storage Temperature
-65~-150
C
O
VCEO
Collector-Emitter Voltage
- 20
V
VCBO
Collector-Base Voltage
- 25
V
Units
-1
SOT-223
01-Jun-2002 Rev. A
Page 1 of 2
REF.
Min.
Max.
REF.
Min.
Max.
A
6.70
7.30
B
13 C
TYP.
C
2.90
3.10
J
2.30 REF.
D
0.02
0.10
1
6.30
6.70
E
0 C
10 C
2
6.30
6.70
I
0.60
0.80
3
3.30
3.70
H
0.25
0.35
4
3.30
3.70
5
1.40
1.80
BCP69
DateCode
B
C
E
o
*Pulse Test: Pulse Width 380 s, Duty Cycle 2%
Millimeter
Millimeter


Similar Part No. - BCP69

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCP69 PHILIPS-BCP69 Datasheet
45Kb / 8P
PNP medium power transistor
1999 Apr 08
logo
Zetex Semiconductors
BCP69 ZETEX-BCP69 Datasheet
43Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Siemens Semiconductor G...
BCP69 SIEMENS-BCP69 Datasheet
136Kb / 4P
PNP Silicon AF Transistor (For general AF application High collector current High current gain)
logo
Infineon Technologies A...
BCP69 INFINEON-BCP69 Datasheet
43Kb / 4P
PNP Silicon AF Transistor
Nov-29-2001
logo
Weitron Technology
BCP69 WEITRON-BCP69 Datasheet
208Kb / 4P
PNP Silicon Epitaxial Transistor
More results

Similar Description - BCP69

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTC2SA1015 UTC-UTC2SA1015 Datasheet
62Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Samsung semiconductor
2N5401 SAMSUNG-2N5401 Datasheet
76Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
2N6516 SAMSUNG-2N6516 Datasheet
35Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW60B SAMSUNG-BCW60B Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Micro Electronics
BC445 MICRO-ELECTRONICS-BC445 Datasheet
128Kb / 1P
SILICON EPITAXIAL TRANSISTOR
logo
List of Unclassifed Man...
2SA2027 ETC-2SA2027 Datasheet
60Kb / 4P
SILICON EPITAXIAL TRANSISTOR
logo
Continental Device Indi...
CMBT3906 CDIL-CMBT3906 Datasheet
63Kb / 3P
SILICON EPITAXIAL TRANSISTOR
CMBT3905 CDIL-CMBT3905 Datasheet
65Kb / 3P
SILICON EPITAXIAL TRANSISTOR
logo
SeCoS Halbleitertechnol...
BCP69-C SECOS-BCP69-C Datasheet
201Kb / 2P
Silicon Epitaxial Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com