Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP157 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BCP157
Description  Medium Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BCP157 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BCP157 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BCP157 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
BCP157
PNP Silicon
Medium Power Transistor
RoHS Compliant Product
http://www.SeCoSGmbH.com
Elektronische Bauelemente
Features
°
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Total power
dissipation
Junction temperature
Storage temperature
∗1 Single pulse, Pw=10ms
∗2 When mounted on a 40×40×0.7 mm ceramic board.
Parameter
VCBO
VCEO
VEBO
PC
Tj
Tstg
-80
V
V
V
A(DC)
°C
°C
-60
-5
-3
IC
A(Pulse)
-6
∗1
∗2
0.5
2W
W
150
−55~+150
Symbol
Limits
Unit
°
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage 2 VCE(Sat)2
Base-emitter saturation voltage Sat
Collector-emitter saturation voltage 1
Output capacitance
Current Gain - Bandwidth Product
Parameter
Symbol
BVCBO
BVCEO
BVEBO
ICBO
IEBO
VBE(Sat)
VCE(sat)1
VBE(On)
Cob
Min.
-80
-60
-5
−
−
-0.9
−
−
−
−
−
−
−
−
−
-150
-0.8
−
−
−
−
0.1
0.1
-1.25
-300
-1.0
V
VCE=-2V, IC=-1A
30
V
IC
=−100µA, IE=0
IC
=−10mA, IB=0
IE
=−100 µA, IC=0
VCB
=−60V, IE=0
VEB
=−4V, IC=0
IC=-1A, IB=-100mA
IC
=−1A,IB=-100mA
VCE
=−5V, IC=-100mA, f=100MHz
VCB
=−10V, IE=0A, f=1MHz
V
V
µA
µA
V
mV
MHz
pF
Typ.
Max.
Unit
Conditions
1. -60Volt V CEO
2. 3 Amp continuous current
3. Low saturation voltage
SOT-89
1.BASE
2.COLLECTOR
3.EMITTER
fT
Symbol
A
b
b1
c
D
D1
E
E1
e
e1
L
Min
1.400
0.320
0.360
0.350
4.400
1.400
2.300
3.940
2.900
0.900
Max
1.600
0.520
0.560
0.440
4.600
1.800
2.600
4.250
3.100
1.100
Min
0.055
0.013
0.014
0.014
0.173
0.055
0.091
0.155
0.114
0.035
Max
0.063
0.020
0.022
0.017
0.181
0.071
0.102
0.167
0.122
0.043
Dimensions In Millimeters
Dimensions In Inches
0.060TYP
1.500TYP
D
D1
C
A
b
b1
e
e1
01-Jun-2002 Rev. A
Page 1 of 2
Base-emitter saturation voltage On
Switching Time
Current Gain
hFE4
hFE1
hFE2
hFE3
70
200
300
VCE=-2V, IC=-1A
200
170
150
100
80
40
VCE=-2V, IC=-2A
VCE=-2V, IC=-50mA
VCE=-2V, IC=-1A
VCE=-2V, IC=-500mA
VCC=-10V, IC=-500mA,
IB1=IB2=-50mA
Note: Measured under pulse condition. Pulse width<300us, Duty cycle<2%
toff
ton
−
−
−
−
40
450
ns
100
140
−
-450
-600
mV
IC=-3A,IB=-300mA
Spice parameter data is available upon urquest for this device.


Similar Part No. - BCP157

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BCP157 SECOS-BCP157_15 Datasheet
147Kb / 2P
PNP Epitaxial Planar Transistor
More results

Similar Description - BCP157

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1132 ROHM-2SB1132 Datasheet
128Kb / 4P
Medium Power Transistor
2SA2090 ROHM-2SA2090 Datasheet
88Kb / 4P
Medium power transistor
logo
Guangdong Kexin Industr...
2SD2537 KEXIN-2SD2537 Datasheet
49Kb / 1P
Medium Power Transistor
FMMT489 KEXIN-FMMT489 Datasheet
35Kb / 1P
Medium Power Transistor
2SA1036K KEXIN-2SA1036K Datasheet
38Kb / 1P
Medium Power Transistor
FMMTL619 KEXIN-FMMTL619 Datasheet
37Kb / 2P
Medium Power Transistor
2SB1182 KEXIN-2SB1182 Datasheet
39Kb / 1P
Medium Power Transistor
2SD1760 KEXIN-2SD1760 Datasheet
40Kb / 1P
Medium Power Transistor
logo
Surge Components
2SB1561U SURGE-2SB1561U Datasheet
485Kb / 3P
medium power transistor
logo
SHIKUES Electronics
2SD1766 SKTECHNOLGY-2SD1766 Datasheet
224Kb / 1P
Medium Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com