Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP869 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BCP869
Description  Plastic Encapsulated Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BCP869 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BCP869 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BCP869 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
BCP869
PNP
Plastic Encapsulated Transistor
01-June-2004 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
The BCP869 is designed for application required for high current (maximum -1 A) and low voltage (maximum -20 V).
PACKAGE DIMENSIONS
ABSOLUTE MAXIMUM RATINGS at Ta = 25°C
Parameter
Symbol
Ratings
Unit
Collector-Base Voltage
VCBO
-32
V
Collector-Emitter Voltage
VCEO
-20
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current -Continuous
IC
-1
A
Collector Dissipation
PC
0.5
W
Junction & Storage temperature
TJ, TSTG
150, -55~150
°C
PNP ELECTRICAL CHARACTERISTICS at Ta = 25°C
Parameter
Symbol
Min.
Max.
Unit
Test Conditions
Collector-base breakdown voltage
V(BR)CBO
-32
-
V
IC=-0.1mA, IE=0
Collector-emitter breakdown voltage
V(BR)CEO
-20
-
V
IC= -1mA, IB=0
Emitter-base breakdown voltage
V(BR)EBO
-5
-
V
IE=-0.1mA, IC=0
Collector cut-off current
ICBO
-
-0.1
μA
VCB=-25V, IE=0
Emitter cut-off current
IEBO
-
-0.1
μA
VEB=-5 V, IC=0
hFE(1)
50
-
VCE=-10V, IC= -5mA
hFE(2)
100
375
VCE=-1V, IC= -500mA
DC current gain
hFE(3)
60
-
VCE=-1V, IC= -1A
Base-emitter voltage
VBE
-
-1
V
VCE=-1V, IC= -1A
Collector-emitter saturation voltage
VCE(sat)
-
-0.5
V
IC=-1A, IB= -100mA
Transition frequency
f T
40
-
MHz
VCE=-5V, IC=-10mA, f = 100MHz
CLASSIFICATION OF hFE2
Rank
BC869
BC869-16
BC869-25
Range
100 – 375
100 - 250
160 – 375
Marking
CEC
CGC
CHC
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.40
4.60
G
3.00
REF.
B
4.05
4.25
H
1.50
REF.
C
1.50
1.70
I
0.40
0.52
D
1.30
1.50
J
1.40
1.60
E
2.40
2.60
K
0.35
0.41
F
0.89
1.20
L
5° TYP.
M0.70 REF.
SOT-89
G
L
H
I
A
C
D


Similar Part No. - BCP869

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BCP869 ETC1-BCP869 Datasheet
162Kb / 1P
TRANSISTOR (PNP)
logo
SHENZHEN YONGERJIA INDU...
BCP869 WINNERJOIN-BCP869 Datasheet
132Kb / 1P
TRANSISTOR (PNP)
logo
SeCoS Halbleitertechnol...
BCP869 SECOS-BCP869_15 Datasheet
64Kb / 2P
Plastic Encapsulated Transistor
logo
SHENZHEN YONGERJIA INDU...
BCP869 WINNERJOIN-BCP869_15 Datasheet
132Kb / 1P
PNP TRANSISTOR
More results

Similar Description - BCP869

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MMDT5451 SECOS-MMDT5451 Datasheet
444Kb / 4P
Plastic-Encapsulated Transistor
S9014W SECOS-S9014W Datasheet
269Kb / 2P
Plastic Encapsulated Transistor
S9018W SECOS-S9018W Datasheet
301Kb / 2P
Plastic Encapsulated Transistor
2SB766A SECOS-2SB766A_15 Datasheet
247Kb / 2P
Plastic Encapsulated Transistor
BCP869 SECOS-BCP869_15 Datasheet
64Kb / 2P
Plastic Encapsulated Transistor
MMDT5451 SECOS-MMDT5451_15 Datasheet
438Kb / 4P
Plastic-Encapsulated Transistor
S9014W SECOS-S9014W_15 Datasheet
269Kb / 2P
Plastic Encapsulated Transistor
S9018W SECOS-S9018W_15 Datasheet
301Kb / 2P
Plastic Encapsulated Transistor
logo
Galaxy Semi-Conductor H...
2SA1664 BILIN-2SA1664 Datasheet
135Kb / 3P
Plastic-Encapsulated Transistor
Rev.A
logo
Nanjing International G...
2SA1664 DGNJDZ-2SA1664 Datasheet
420Kb / 3P
Plastic-Encapsulated Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com