Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP1213 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BCP1213
Description  Epitaxial Planar Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BCP1213 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BCP1213 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BCP1213 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
BCP1213
PNP
Epitaxial Planar Transistor
01-June-2004 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
E
C
D
B
K
H
F
G
L
J
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
The BCP1213 is designed for using in power amplifier applications
or power switching applications.
MARKING
NY
ABSOLUTE MAXIMUM RATINGS at Ta = 25°C
Parameter
Symbol
Ratings
Unit
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-50
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-2
A
Base Current
IB
-0.4
A
500
mW
Collector Power Dissipation
PC (Note 1)
1000
mW
Junction & Storage Temperature
TJ, TSTG
150, -55~150
°C
Note 1: Mounted on ceramic substrate (250mm
2x0.8t)
ELECTRICAL CHARACTERISTICS at Ta = 25°C
Parameter
Symbol
Min.
Max.
Unit
Test Conditions
Collector-emitter breakdown voltage
V(BR)CEO
-50
-
V
IC = -10 mA, IB = 0
Collector cut-off current
ICBO
-
-100
nA
VCB = -50 V, IE = 0
Emitter cut-off current
IEBO
-
-100
nA
VEB = -5 V, IC = 0
hFE(1)
70
240
VCE = -2 V, IC = -0.5 A
DC current gain.
hFE(2)
20
-
VCE = -2 V, IC = -2.0 A
Base-emitter voltage
VBE(sat)
-
-1.2
V
IC = -1 A, IB = -0.05 A
Collector-emitter saturation voltage
VCE(sat)
-
-0.5
V
IC = -1 A, IB = -0.05 A
Transition frequency
f T
120 TYP.
MHz
VCE = -2 V, IC = -0.5 A
Collector output capacitance
COB
40
pF
VCB = -10 V, IE = 0, f = 1 MHz
Turn-on time
tON
0.1
μs
Storage time
tSTG
1.0
μs
Switching time
Fall time
tF
0.1
μs
CLASSIFICATION OF hFE
Rank
O
Y
hFE
70 – 140
120 - 240
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.40
4.60
G
-
-
B
4.05
4.25
H
1.50 REF.
C
1.40
1.60
J
3.00 REF.
D
2.40
2.60
K
0.40
0.52
E
1.50
1.70
L
0.35
0.41
F
0.89
1.20
SOT-89
Type Name
hFE Ranking


Similar Part No. - BCP1213

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BCP1213 SECOS-BCP1213_15 Datasheet
595Kb / 2P
Epitaxial Planar Transistor
More results

Similar Description - BCP1213

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BCP882 SECOS-BCP882 Datasheet
357Kb / 2P
Epitaxial Planar Transistor
BCPA14 SECOS-BCPA14 Datasheet
400Kb / 2P
Epitaxial Planar Transistor
CZT5401 SECOS-CZT5401 Datasheet
665Kb / 2P
Epitaxial Planar Transistor
PZT669A SECOS-PZT669A Datasheet
607Kb / 2P
Epitaxial Planar Transistor
PZT772 SECOS-PZT772 Datasheet
524Kb / 2P
Epitaxial Planar Transistor
PZT3906 SECOS-PZT3906 Datasheet
815Kb / 2P
Epitaxial Planar Transistor
PZTA14 SECOS-PZTA14 Datasheet
641Kb / 2P
Epitaxial Planar Transistor
PZTA42 SECOS-PZTA42 Datasheet
757Kb / 1P
Epitaxial Planar Transistor
PZT4672 SECOS-PZT4672 Datasheet
921Kb / 2P
Epitaxial Planar Transistor
BCP1213 SECOS-BCP1213_15 Datasheet
595Kb / 2P
Epitaxial Planar Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com