Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCV27 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BCV27
Description  NPN Darlington Plastic Encapsulated Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BCV27 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BCV27 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BCV27 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH BCV27 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
BCV27
40 V, 500mA
NPN Darlington Plastic Encapsulated Transistor
22-Jan-2010 Rev. A
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
Base
2
Emitter
Collector
3
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
For general AF application high collector current
High current gain
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
PARAMETER
SYMBOL
RATING
UNIT
Collector to Base Voltage
VCBO
40
V
Collector to Emitter Voltage
VCEO
30
V
Emitter to Base Voltage
VEBO
10
V
Collector Current - Continuous
IC
500
mA
Collector Current - Peak
ICM
800
mA
Collector Power Dissipation
PC
350
mW
Thermal Resistance, Junction to Ambient Air
R
θJA
357
°C/W
Junction, Storage Temperature
TJ, TSTG
150, -65~150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
TEST CONDITION
Collector to Base Breakdown Voltage
V(BR)CBO
40
-
-
V
IC=100
µA, I
E = 0A
Collector to Emitter Breakdown Voltage
V(BR)CEO
30
-
-
V
IC=10mA, IB = 0A
Emitter to Base Breakdown Voltage
V(BR)EBO
10
-
-
V
IE=10
µA, I
C = 0A
Collector Cut-Off Current
ICBO
-
-
0.1
µA
VCB=30 V, IE = 0 A
Emitter Cut-Off Current
IEBO
-
-
0.1
µA
VEB=4 V, IC = 0 A
hFE1*
4000
-
-
VCE=1V, IC=100
µA
hFE2*
10000
-
-
VCE=5V, IC=10mA
hFE3*
20000
-
-
VCE=5V, IC=100mA
DC Current Gain
hFE4*
4000
-
-
VCE=5V, IC=500mA
Collector to Emitter Saturation Voltage
VCE(sat) *
-
-
1
V
IC=100mA, IB=0.1mA
Base to Emitter Saturation Voltage
VBE(sat) *
-
-
1.5
V
IC=100mA, IB=0.1mA
Transition Frequency
fT
-
170
-
MHz
VCE = 5V, IC =50mA, f=100MHz
Collector Output Capacitance
Cob
-
3.5
-
pF
VCB = 10V, f=1MHz
*Pulse test: Pulse width ≦300
µS; Ducy Cycle ≦2.0%
SOT-23
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.70
3.04
G
-
0.18
B
2.10
2.80
H
0.40
0.60
C
1.20
1.60
J
0.08
0.20
D
0.89
1.40
K
0.6 REF.
E
1.78
2.04
L
0.85
1.15
F
0.30
0.50


Similar Part No. - BCV27

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCV27 PHILIPS-BCV27 Datasheet
43Kb / 8P
NPN Darlington transistors
1999 Apr 08
logo
Zetex Semiconductors
BCV27 ZETEX-BCV27 Datasheet
49Kb / 1P
NPN SILICON PLANAR DARLINGTON TRANSISTORS
logo
Siemens Semiconductor G...
BCV27 SIEMENS-BCV27 Datasheet
140Kb / 4P
NPN Silicon Darlington Transistors (For general AF applications High collector current)
logo
Fairchild Semiconductor
BCV27 FAIRCHILD-BCV27 Datasheet
52Kb / 5P
NPN Darlington Transistor
logo
Infineon Technologies A...
BCV27 INFINEON-BCV27 Datasheet
49Kb / 5P
NPN Silicon Darlington Transistors
Jul-12-2001
More results

Similar Description - BCV27

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2N5172 SECOS-2N5172 Datasheet
81Kb / 1P
NPN Plastic Encapsulated Transistor
2N5832 SECOS-2N5832 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2N6517 SECOS-2N6517 Datasheet
142Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1008 SECOS-2SC1008 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1318A SECOS-2SC1318A Datasheet
135Kb / 2P
NPN Plastic Encapsulated Transistor
2SC1923 SECOS-2SC1923 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
D882S SECOS-D882S Datasheet
214Kb / 2P
NPN Plastic Encapsulated Transistor
2SC4548 SECOS-2SC4548 Datasheet
77Kb / 1P
NPN Plastic Encapsulated Transistor
2SBA42 SECOS-2SBA42 Datasheet
74Kb / 1P
NPN Plastic Encapsulated Transistor
BCV27 SECOS-BCV27_15 Datasheet
461Kb / 3P
NPN Darlington Plastic Encapsulated Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com