Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCW68 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BCW68
Description  PNP Plastic-Encapsulate Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BCW68 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BCW68 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BCW68 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH BCW68 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
BCW68
PNP Plastic-Encapsulate Transistors
27-Oct-2009 Rev. A
Page 1 of 3
COLLECTOR
3
1
BASE
2
EMITTER
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Complementary to BCW66.
MARKING:
BCW68F:DF
BCW68G:DG
BCW68H:DH
MAXIMUM RATINGS (T
A = 25°C unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
-60
V
Collector-Emitter Voltage
VCEO
-45
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current - Continuous
IC
-0.8
A
Collector Power Dissipation
PC
0.33
W
Junction & Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise specified)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Collector-Base Breakdown Voltage
V(BR)CBO
-60
V
IC=-10μA, IE=0
Collector-Emitter Breakdown Voltage
V(BR)CEO
-45
V
IC=-10mA, IB=0
Emitter-Base Breakdown Voltage
V(BR)EBO
-5
V
IE=-10μA, IC=0
Collector Cut-Off Current
ICBO
-0.02
μA
VCB=-45V, IE=0
Collector Cut-off Current
IEBO
-0.02
μA
VEB=-4V, IC=0
BCW68F
35
BCW68G
50
hFE1
BCW68H
80
VCE=-10V, IC=-0.1mA
BCW68F
75
BCW68G
120
hFE2
BCW68H
180
VCE=-1V, IC=-10mA
BCW68F
100
250
BCW68G
160
400
hFE3
BCW68H
250
630
VCE=-1V, IC=-100mA
BCW68F
35
BCW68G
60
DC Current Gain
hFE4
BCW68H
100
VCE=-2V, IC=-500mA
-0.3
V
IC=-100mA, IB=-10mA
Collector-Emitter Saturation Voltage
VCE(sat)
-0.7
V
IC=-500mA, IB=-50mA
-1.25
V
IC=-100mA, IB=-10mA
Base-Emitter Saturation Voltage
VBE(sat)
-2
V
IC=-500mA, IB=-50mA
Transition Frequency
fT
200
MHz
VCE=-5V, IC=-50mA,f=20MHz
Output Capacitance
COB
6
pF
VCB=-10V, IE=0,f=1MHz
Input Capacitance
CIB
60
pF
VEB=-0.5V,IE=0,f=1MHz
SOT-23
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.70
3.04
G
-
0.18
B
2.10
2.80
H
0.40
0.60
C
1.20
1.60
J
0.08
0.20
D
0.89
1.40
K
0.6 REF.
E
1.78
2.04
L
0.85
1.15
F
0.30
0.50


Similar Part No. - BCW68

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCW68 ZETEX-BCW68 Datasheet
39Kb / 2P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
KEC(Korea Electronics)
BCW68 KEC-BCW68 Datasheet
145Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
logo
Infineon Technologies A...
BCW68 INFINEON-BCW68 Datasheet
50Kb / 5P
PNP Silicon AF Transistors
Jul-10-2001
logo
Diotec Semiconductor
BCW68 DIOTEC-BCW68 Datasheet
182Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
logo
Guangdong Kexin Industr...
BCW68 KEXIN-BCW68 Datasheet
42Kb / 2P
PNP General Purpose Transistors
More results

Similar Description - BCW68

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MMDT3906V MCC-MMDT3906V_11 Datasheet
235Kb / 4P
PNP Plastic-Encapsulate Transistors
BC856BM MCC-BC856BM Datasheet
523Kb / 4P
PNP Plastic-Encapsulate Transistors
BCP69-16 MCC-BCP69-16 Datasheet
460Kb / 3P
PNP Plastic-Encapsulate Transistors
MC818B MCC-MC818B Datasheet
514Kb / 4P
PNP Plastic-Encapsulate Transistors
2SB1132-P MCC-2SB1132-P_17 Datasheet
542Kb / 4P
PNP Plastic-Encapsulate Transistors
logo
TECH PUBLIC Electronics...
MMDT2907A TECHPUBLIC-MMDT2907A Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
MMDT5401 TECHPUBLIC-MMDT5401 Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT2907A TECHPUBLIC-TPMMDT2907A Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT3906 TECHPUBLIC-TPMMDT3906 Datasheet
7Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT5401 TECHPUBLIC-TPMMDT5401 Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com