Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCX53 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BCX53
Description  Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BCX53 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BCX53 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BCX53 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BCX53
PNP Transistors
Plastic-Encapsulate Transistors
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free
Elektronische Bauelemente
1.BASE
2.COLLECTOR
3.EMITTER
1
2
3
Features
Any changing of specification will not be informed individual
http://www.SeCoSGmbH.com
01-Jun-2005 Rev. B
Page 1 of 2
4.4~4.6
1.4~1.8
0.35~0.44
1.4~1.6
0.32~0.52
0.36~0.56
1.5Ref.
2.9~3.1
Dimensision in Millimeter
SOT-89
C
o
W (Tamb=25 )
A
V
Power dissipation
PCM:
0.5
Collector current
ICM:
-1.0
Collector-base voltage
V(BR)CBO:
-100.0
Operating and storage junction temperature range
TJ,Tstg: 150, -65 ~ 150 C
ELECTRICAL CHARACTERISTICS (Tamb=25
unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
hFE(1)
VCE=-2V, IC=- 5 mA
- 150 mA
63
DC current gain
hFE(3)
VCE=-2V, IC= -500mA
40
hFE(2)
VCE=-2V, IC=
63
250
Base-emitter
voltage
VBE
IC= -500 mA, VCE=-2V
-1
V
MIN
MAX
UNIT
C
o
o
Collector-base breakdown voltage
V(BR)CBO
Ic=-100µA , IE=0
-100
V
IB=0
-80
-5
Collector-emitter breakdown voltage
V(BR)CEO
IC=- 1 mA ,
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-100 µA, IC=0
V
Collector cut-off current
ICBO
VCB=-30V, IE=0
-0.1
µA
Emitter cut-off current
IEBO
VEB=-5V, IC=0
-0.1
µA
Collector-emitter saturation voltage
VCE(sat)
IC=-500 mA, IB=- 50mA
-0.5
V
Transition frequency
f T
VCE= -5V, IC=-10mA
f = 100MHz
50
MHz
DEVICE MARKING
BCX53=AH
BCX53-10=AK
BCX53-16=AL


Similar Part No. - BCX53

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCX53 PHILIPS-BCX53 Datasheet
42Kb / 8P
PNP medium power transistors
1999 Apr 19
logo
Siemens Semiconductor G...
BCX53 SIEMENS-BCX53 Datasheet
146Kb / 5P
PNP Silicon AF Transistors
logo
Central Semiconductor C...
BCX53 CENTRAL-BCX53 Datasheet
103Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
logo
Infineon Technologies A...
BCX53 INFINEON-BCX53 Datasheet
141Kb / 5P
PNP Silicon AF Transistors
Feb-10-2004
logo
Zetex Semiconductors
BCX53 ZETEX-BCX53 Datasheet
28Kb / 1P
SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
More results

Similar Description - BCX53

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
PLASTIC ENCAPSULATE TRANSISTORS
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401 Datasheet
116Kb / 3P
Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
BCX51 SECOS-BCX51 Datasheet
1Mb / 1P
Plastic-Encapsulate Transistors
D882 SECOS-D882 Datasheet
277Kb / 2P
Plastic Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401_11 Datasheet
231Kb / 3P
Plastic-Encapsulate Transistors
logo
MAKO SEMICONDUCTOR CO.,...
2SC945 MAKOSEMI-2SC945 Datasheet
99Kb / 2P
Plastic-Encapsulate Transistors
KTC3875 MAKOSEMI-KTC3875 Datasheet
88Kb / 2P
Plastic-Encapsulate Transistors
logo
Nanjing International G...
KTA1275 DGNJDZ-KTA1275 Datasheet
149Kb / 1P
Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD2142 JIANGSU-2SD2142 Datasheet
271Kb / 1P
Plastic-Encapsulate Transistors
BC516 JIANGSU-BC516 Datasheet
401Kb / 3P
Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com