Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C945 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # C945
Description  NPN Plastic Encapsulate Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

C945 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  C945 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH C945 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
C945
60V, 0.15A, 200mW
NPN Plastic Encapsulate Transistor
Elektronische Bauelemente
17-Dec-2010 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.

Base

Emitter
Collector

RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Excellent hFE Linearity
Low noise
Complementary to A733
MARKING
Product
Marking Code
C945
CR
PACKAGE INFORMATION
Package
MPQ
LeaderSize
SOT-23
3K
7’ inch
CLASSIFICATION OF hFE(1)
Product-Rank
C945-L
C945-H
Range
130-200
200-400
MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector - Base Voltage
VCBO
60
V
Collector - Emitter Voltage
VCEO
50
V
Emitter - Base Voltage
VEBO
5
V
Collector Current - Continuous
IC
150
mA
Collector Power Dissipation
PC
200
mW
Junction, Storage Temperature
TJ, TSTG
150, -55~150
℃
ELECTRICAL CHARACTERISTICS (at TA = 25°C unless otherwise specified)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Collector-Base Breakdown Voltage
IC =100µA, IE =0
V(BR)CBO
60
-
-
V
Collector-Emitter Breakdown Voltage
IC = 1mA, IB =0
V(BR)CEO
50
-
-
V
Emitter-Base Breakdown Voltage
IE = 0.1µA, IC =0
V(BR)EBO
5
-
-
V
Collector Cut-Off Current
VCB = 60V, IE =0
ICBO
-
-
0.1
µA
Collector Cut-Off Current
VCE = 55V, R =10mΩ
ICER
-
-
0.1
µA
Emitter Cut-Off Current
VEB = 5V, IC =0
IEBO
-
-
0.1
µA
DC Current Gain
VCE = 6V, IC = 1mA
hFE(1)
130
-
400
VCE = 6V, IC = 0.1mA
hFE(2)
40
-
-
Collector-Emitter Saturation Voltage
IC = 100mA, IB = 10mA
VCE(sat)
-
-
0.3
V
Base-Emitter Saturation Voltage
IC = 100mA, IB = 10mA
VBE(sat)
-
-
1
V
Transition frequency
VCE = 6V, IC = 10mA, f=30MHz
fT
150
-
-
MHz
Collector output capacitance
VCB = 10V, IE=0, f=1MHz
Cob
-
-
3.0
pF
Noise figure
VCE=6V, IC=0.1mA,
Rg=10kΩ, f=1kMHz
NF
-
4
10
dB
SOT-23
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
2.70
3.04
G
-
0.18
B
2.10
2.80
H
0.40
0.60
C
1.20
1.60
J
0.08
0.20
D
0.89
1.40
K
0.6 REF.
E
1.78
2.04
L
0.85
1.15
F
0.30
0.50
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3


Similar Part No. - C945

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C945 ETC-C945 Datasheet
1Mb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Stanson Technology
C945 STANSON-C945 Datasheet
80Kb / 1P
NPN TRANSISTOR
logo
Weitron Technology
C945 WEITRON-C945 Datasheet
2Mb / 4P
NPN Transistors
logo
Daya Electric Group Co....
C945 DAYA-C945 Datasheet
701Kb / 1P
TO-92 Plastic-Encapsulate Transistors
logo
Rectron Semiconductor
C945 RECTRON-C945 Datasheet
455Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
More results

Similar Description - C945

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
2SD2098 WEITRON-2SD2098 Datasheet
111Kb / 5P
NPN Plastic-Encapsulate Transistor
logo
SeCoS Halbleitertechnol...
2SD2142 SECOS-2SD2142 Datasheet
218Kb / 2P
NPN Plastic Plastic-Encapsulate Transistor
2SC2883 SECOS-2SC2883 Datasheet
370Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4098 SECOS-2SC4098 Datasheet
83Kb / 1P
NPN Plastic-Encapsulate Transistor
2SC4116 SECOS-2SC4116 Datasheet
172Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4215 SECOS-2SC4215 Datasheet
195Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4373 SECOS-2SC4373 Datasheet
77Kb / 1P
NPN Plastic-Encapsulate Transistor
2SD602 SECOS-2SD602_11 Datasheet
1Mb / 3P
NPN Plastic-Encapsulate Transistor
2SD602 SECOS-2SD602 Datasheet
1Mb / 3P
NPN Plastic-Encapsulate Transistor
BC846W SECOS-BC846W Datasheet
909Kb / 4P
NPN Plastic Encapsulate Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com