Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC80 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # AMC80
Description  System Hardware Monitor with Two-Wire/SMBus Serial Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC80 Datasheet(HTML) 5 Page - Texas Instruments

  AMC80 Datasheet HTML 1Page - Texas Instruments AMC80 Datasheet HTML 2Page - Texas Instruments AMC80 Datasheet HTML 3Page - Texas Instruments AMC80 Datasheet HTML 4Page - Texas Instruments AMC80 Datasheet HTML 5Page - Texas Instruments AMC80 Datasheet HTML 6Page - Texas Instruments AMC80 Datasheet HTML 7Page - Texas Instruments AMC80 Datasheet HTML 8Page - Texas Instruments AMC80 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
AMC80
www.ti.com
SBOS559
– MAY 2011
PIN DESCRIPTIONS
PIN
NO.
NAME
I/O
TYPE
DESCRIPTION
Interrupt input pin. An active low input that extends the INT_IN signal to the INT output
1
INT_IN
Input
Digital
of the AMC80.
2
SDA
I/O
Digital
Serial bus data line for SMBus, open-drain; requires pull-up resistor.
3
SCL
I/O
Digital
Serial bus clock line for SMBus, open-drain; requires pull-up resistor.
4
FAN1
Input
Digital
Fan tachometer input pin
5
FAN2
Input
Digital
Fan tachometer input pin
Board temperature interrupt pin. BTI is driven by the over-temperature shutdown (OS)
6
BTI
Input
Digital
outputs of the additional temperature sensors. This pin has an internal 10-k
Ω pull-up
resistor.
General-purpose input pin (chassis interrupt). An active high interrupt input pin to latch
7
GPI(CI)
Input
Digital
a chassis interrupt event.
8
DGND
Power
Analog
Digital ground.
9
V+
Power
Analog
Positive supply voltage (3V to 5.5V).
Non-maskable interrupt (active high, PMOS, open-drain) or interrupt request (active
10
INT
Output
Digital
low, NMOS, open-drain) pin. The INT pin becomes active when INT_IN, BTI, or GPI
interrupts.
General-purpose output pin. GPO is an active low, NMOS, open-drain output. This pin
11
GPO
Output
Digital
is intended to drive an external power PMOS for software power control or to control
power to a cooling fan.
This pin is an active-low input that enables NAND tree board-level connectivity testing.
12
NTEST_IN/RESET_IN
Input
Digital
The AMC80 resets to its power-on state when NAND tree connectivity is enabled.
This pin is an NMOS open-drain output. RST_OUT provides a master reset to devices
13
RST_OUT/OS
Output
Digital
connected to this line. OS is dedicated to the temperature reading alarm.
Analog ground. This pin must be tied to a low-noise analog ground plane for optimum
14
AGND
Power
Analog
performance.
15
CH6
Input
Analog
Analog input channel 6
16
CH5
Input
Analog
Analog input channel 5
17
CH4
Input
Analog
Analog input channel 4
18
CH3
Input
Analog
Analog input channel 3
19
CH2
Input
Analog
Analog input channel 2
20
CH1
Input
Analog
Analog input channel 1
21
CH0
Input
Analog
Analog input channel 0
The lowest order bit of the serial bus address. During a NAND tree test for ATE
22
A0/NTEST_OUT
I/O
Digital
board-level connectivity, this pin functions as an output.
23
A1
Input
Digital
Address pin 1
24
A2
Input
Digital
Address pin 2
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): AMC80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com