Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC80PW Datasheet(PDF) 2 Page - Texas Instruments

Part # AMC80PW
Description  System Hardware Monitor with Two-Wire/SMBus Serial Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC80PW Datasheet(HTML) 2 Page - Texas Instruments

  AMC80PW Datasheet HTML 1Page - Texas Instruments AMC80PW Datasheet HTML 2Page - Texas Instruments AMC80PW Datasheet HTML 3Page - Texas Instruments AMC80PW Datasheet HTML 4Page - Texas Instruments AMC80PW Datasheet HTML 5Page - Texas Instruments AMC80PW Datasheet HTML 6Page - Texas Instruments AMC80PW Datasheet HTML 7Page - Texas Instruments AMC80PW Datasheet HTML 8Page - Texas Instruments AMC80PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
AMC80
SBOS559
– MAY 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE INFORMATION(1)
PACKAGE-
PACKAGE
PACKAGE
PRODUCT
LEAD
DESIGNATOR
MARKING
AMC80
TSSOP-24
PW
AMC80A
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
AMC80
UNIT
Power supply voltage range, V+
–0.3 to 7
V
Pin 6
–0.3 to (V+) + 0.3
V
Input voltage range, VIN
Pins 1, 2, 3, 4, 5, 7, 11, 12, 13
–0.3 to 7
V
Input current, IIN
10
mA
Operating temperature range, TA
–55 to +127
°C
Storage temperature range, TSTG
–65 to +150
°C
Junction temperature range (TJ max)
+150
°C
Human body model (HBM)
2.5
kV
ESD ratings
Charged device model (CDM)
1
kV
Machine model (MM)
0.2
kV
(1)
Stresses above these ratings my cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
THERMAL INFORMATION
AMC80
THERMAL METRIC(1)
PW
UNITS
24 PINS
θJA
Junction-to-ambient thermal resistance
100.72
θJC(top)
Junction-to-case(top) thermal resistance
31.4
θJB
Junction-to-board thermal resistance
54.7
°C/W
ψJT
Junction-to-top characterization parameter
1.0
ψJB
Junction-to-board characterization parameter
54.2
θJC(bottom)
Junction-to-case(bottom) thermal resistance
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
Supply voltage range, V+
3
5.5
V
Input voltage range, VIN
–0.05
(V+) + 0.05
V
Operating temperature range, TA
–40
+125
°C
2
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): AMC80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com