Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL502L Datasheet(PDF) 3 Page - Microsemi Corporation

Part # APL502L
Description  LINEAR MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APL502L Datasheet(HTML) 3 Page - Microsemi Corporation

  APL502L Datasheet HTML 1Page - Microsemi Corporation APL502L Datasheet HTML 2Page - Microsemi Corporation APL502L Datasheet HTML 3Page - Microsemi Corporation APL502L Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
V
DS> ID (ON) x RDS (ON)MAX.
250μSEC. PULSE TEST
@ <0.5 % DUTY CYCLE
T
J = +125°C
T
J = +25°C
T
J = -55°C
V
GS=10V
V
GS=20V
NORMALIZED TO
V
GS = 10V @ 29A
Typical Performance Curves
V
GS, GATE-TO-SOURCE VOLTAGE (VOLTS)
I
D, DRAIN CURRENT (AMPERES)
FIGURE 4, TRANSFER CHARACTERISTICS
FIGURE 5, R
DS
(ON) vs DRAIN CURRENT
T
C, CASE TEMPERATURE (°C)
T
J, JUNCTION TEMPERATURE (°C)
FIGURE 6, MAXIMUM DRAIN CURRENT vs CASE TEMPERATURE
FIGURE 7, BREAKDOWN VOLTAGE vs TEMPERATURE
0
2
4
6
8
10
0
20
40
60
80
100
120
25
50
75
100
125
150
-50
0
50
100
150
1.30
1.20
1.10
1.00
0.90
0.80
0.70
1.15
1.10
1.05
1.00
0.95
0.90
80
60
40
20
0
60
50
40
30
20
10
0
APL502B2_L(G)
120
100
80
60
40
20
0
120
100
80
60
40
20
0
0
50
100
150
200
250
0
5
10
15
20
25
30
V
DS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
V
DS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
FIGURE 2, HIGH VOLTAGE OUTPUT CHARACTERISTICS
FIGURE 3,LOW VOLTAGE OUTPUT CHARACTERISTICS
7 V
6 V
6.5 V
V
GS=10V, 15 V
5.5 V
7 V
6 V
6.5 V
5.5 V
7.5 V
V
GS=10, 15V
7.5 V
8 V
8 V
-50 -25
0
25
50
75
100 125 150
-50 -25
0
25
50
75
100 125 150
T
J, JUNCTION TEMPERATURE (°C)
T
C, CASE TEMPERATURE (°C)
FIGURE 8, ON-RESISTANCE vs. TEMPERATURE
FIGURE 9, THRESHOLD VOLTAGE vs TEMPERATURE
I
D = 29A
V
GS = 12V
1.2
1.1
1.0
0.9
0.8
0.7
0.6
2.5
2.0
1.5
1.0
0.5
0.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com