Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL502LG Datasheet(PDF) 2 Page - Microsemi Corporation

Part # APL502LG
Description  LINEAR MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APL502LG Datasheet(HTML) 2 Page - Microsemi Corporation

  APL502LG Datasheet HTML 1Page - Microsemi Corporation APL502LG Datasheet HTML 2Page - Microsemi Corporation APL502LG Datasheet HTML 3Page - Microsemi Corporation APL502LG Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DYNAMIC CHARACTERISTICS
APL502B2_L(G)
Symbol
C
iss
C
oss
C
rss
t
d(on)
t
r
t
d(off)
t
f
MIN
TYP
MAX
7485
9000
1290
1810
617
930
13
26
27
54
56
84
16
20
UNIT
pF
ns
Test Conditions
V
GS = 0V
V
DS = 25V
f = 1 MHz
V
GS = 15V
V
DD = 250V
I
D = 29A @ 25°C
R
G = 0.6
W
Characteristic
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
THERMAL CHARACTERISTICS
1 Repetitive Rating: Pulse width limited by maximum junction
3 See MIL-STD-750 Method 3471
temperature.
4 Starting T
j = +25°C, L = 1.78mH, RG = 25
W
, Peak I
L = 58A
2 Pulse Test: Pulse width < 380 μS, Duty Cycle < 2%
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
10-5
10-4
10-3
10-2
10-1
1.0
RECTANGULAR PULSE DURATION (SECONDS)
FIGURE 1, MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs PULSE DURATION
0.18
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0
0.5
0.1
0.3
0.7
D = 0.9
0.05
SINGLE PULSE
Characteristic
Junction to Case
Package Weight
Symbol
R
q
JC
W
T
MIN
TYP
MAX
.17
0.22
5.9
UNIT
°C/W
oz
g



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com