Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT77N60JC3 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # APT77N60JC3
Description  Super Junction MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT77N60JC3 Datasheet(HTML) 4 Page - Microsemi Corporation

  APT77N60JC3 Datasheet HTML 1Page - Microsemi Corporation APT77N60JC3 Datasheet HTML 2Page - Microsemi Corporation APT77N60JC3 Datasheet HTML 3Page - Microsemi Corporation APT77N60JC3 Datasheet HTML 4Page - Microsemi Corporation APT77N60JC3 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
APT77N60JC3
Typical Performance
C
rss
C
iss
C
oss
V
DS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
V
DS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
FIGURE 10, MAXIMUM SAFE OPERATING AREA
FIGURE 11, CAPACITANCE vs DRAIN-TO-SOURCE VOLTAGE
Q
g, TOTAL GATE CHARGE (nC)
V
SD, SOURCE-TO-DRAIN VOLTAGE (VOLTS)
FIGURE 12, GATE CHARGES vs GATE-TO-SOURCE VOLTAGE
FIGURE 13, SOURCE-DRAIN DIODE FORWARD VOLTAGE
0
10
20
30
40
50
0
100 200 300 400 500 600 700 800
0.3
0.5
0.7
0.9
1.1
1.3
1.5
16
12
8
4
0
T
J =+150°C
T
J =+25°C
I
D (A)
I
D (A)
FIGURE 14, DELAY TIMES vs CURRENT
FIGURE 15, RISE AND FALL TIMES vs CURRENT
I
D (A)
R
G, GATE RESISTANCE (Ohms)
FIGURE 16, SWITCHING ENERGY vs CURRENT
FIGURE 17, SWITCHING ENERGY VS. GATE RESISTANCE
V
DD = 400V
R
G = 5Ω
T
J = 125°C
L = 100μH
E
on
E
off
t
r
t
f
10
30
50
70
90
110
130
150
10
30
50
70
90
110
130
150
10
30
50
70
90
110
130 150
0
5
10 15 20 25 30 35 40 45 50
V
DD = 400V
I
D = 77A
T
J = 125°C
L = 100μH
E
ON includes
diode reverse recovery.
V
DS= 300V
V
DS= 120V
V
DS= 480V
I
D = 77A
t
d(on)
t
d(off)
E
on
E
off
600
500
400
300
200
100
0
8000
7000
6000
5000
4000
3000
2000
1000
0
V
DD = 400V
R
G = 5Ω
T
J = 125°C
L = 100μH
V
DD = 400V
R
G = 5Ω
T
J = 125°C
L = 100μH
E
ON includes
diode reverse recovery.
60,000
10,000
1,000
100
10
200
100
10
1
250
200
150
100
50
0
16000
14000
12000
10000
8000
6000
4000
2000
0
0.1
1
10
100
1000
1
10
100
800
1ms
100ms
DC line
100μs
10ms
10μs



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com