Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT80F60J Datasheet(PDF) 2 Page - Microsemi Corporation

Part # APT80F60J
Description  N-Channel FREDFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT80F60J Datasheet(HTML) 2 Page - Microsemi Corporation

  APT80F60J Datasheet HTML 1Page - Microsemi Corporation APT80F60J Datasheet HTML 2Page - Microsemi Corporation APT80F60J Datasheet HTML 3Page - Microsemi Corporation APT80F60J Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
g
fs
Forward Transconductance
V
DS = 50V, ID = 60A
117
S
C
iss
Input Capacitance
V
GS = 0V, VDS = 25V
f = 1MHz
23994
pF
C
rss
Reverse Transfer Capacitance
245
C
oss
Output Capacitance
2201
C
o(cr)
4
Effective Output Capacitance, Charge Related
V
GS = 0V, VDS = 0V to 400V
1170
C
o(er)
5
Effective Output Capacitance, Energy Related
606
Q
g
Total Gate Charge
V
GS = 0 to 10V, ID = 60A,
V
DS = 300V
598
nC
Q
gs
Gate-Source Charge
128
Q
gd
Gate-Drain Charge
251
t
d(on)
Turn-On Delay Time
Resistive Switching
V
DD = 400V, ID = 60A
R
G = 2.2Ω
6
, V
GG = 15V
134
ns
t
r
Current Rise Time
156
t
d(off)
Turn-Off Delay Time
408
t
f
Current Fall Time
123
Static Characteristics
TJ = 25°C unless otherwise specified
Dynamic Characteristics
TJ = 25°C unless otherwise specified
Source-Drain Diode Characteristics
1 Repetitive Rating: Pulse width and case temperature limited by maximum junction temperature.
2 Starting at T
J = 25°C, L = 2.08mH, RG = 25Ω, IAS = 60A.
3 Pulse test: Pulse Width < 380μs, duty cycle < 2%.
4 C
o(cr) is defined as a fixed capacitance with the same stored charge as COSS with VDS = 67% of V(BR)DSS.
5 C
o(er) is defined as a fixed capacitance with the same stored energy as COSS with VDS = 67% of V(BR)DSS. To calculate Co(er) for any value of
V
DS less than V(BR)DSS, use this equation: Co(er) = -3.14E-7/VDS^2 + 7.31E-8/VDS + 2.09E-10.
6 R
G is external gate resistance, not including internal gate resistance or gate driver impedance. (MIC4452)
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
G
D
S
Unit
V
V/°C
Ω
V
mV/°C
μA
nA
Unit
A
V
ns
μC
A
V/ns
Min
Typ
Max
600
0.60
0.042
0.055
2.5
4
5
-10
250
1000
±100
Min
Typ
Max
84
447
1.0
370
690
2.6
7.0
14.5
20
25
Test Conditions
V
GS = 0V, ID = 250μA
Reference to 25°C, I
D = 250μA
V
GS = 10V, ID = 60A
V
GS = VDS, ID = 2.5mA
V
DS = 600V
T
J = 25°C
V
GS = 0V
T
J = 125°C
V
GS = ±30V
Test Conditions
MOSFET symbol
showing the
integral reverse p-n
junction diode
(body diode)
I
SD = 60A, TJ = 25°C, VGS = 0V
T
J = 25°C
T
J = 125°C
I
SD = 60A
3
T
J = 25°C
V
DD = 100V
T
J = 125°C
di
SD/dt = 100A/μs
T
J = 25°C
T
J = 125°C
I
SD ≤ 60A, di/dt ≤1000A/μs, VDD = 400V,
T
J = 125°C
Parameter
Drain-Source Breakdown Voltage
Breakdown Voltage Temperature Coefficient
Drain-Source On Resistance 3
Gate-Source Threshold Voltage
Threshold Voltage Temperature Coefficient
Zero Gate Voltage Drain Current
Gate-Source Leakage Current
Parameter
Continuous Source Current
(Body Diode)
Pulsed Source Current
(Body Diode) 1
Diode Forward Voltage
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
Peak Recovery dv/dt
Symbol
V
BR(DSS)
∆V
BR(DSS)/∆TJ
R
DS(on)
V
GS(th)
∆V
GS(th)/∆TJ
I
DSS
I
GSS
Symbol
I
S
I
SM
V
SD
t
rr
Q
rr
I
rrm
dv/dt
APT80F60J



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com