Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP006AIYZFT Datasheet(PDF) 13 Page - Texas Instruments

Part # TMP006AIYZFT
Description  Infrared Thermopile Sensor in Chip-Scale Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP006AIYZFT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP006AIYZFT Datasheet HTML 9Page - Texas Instruments TMP006AIYZFT Datasheet HTML 10Page - Texas Instruments TMP006AIYZFT Datasheet HTML 11Page - Texas Instruments TMP006AIYZFT Datasheet HTML 12Page - Texas Instruments TMP006AIYZFT Datasheet HTML 13Page - Texas Instruments TMP006AIYZFT Datasheet HTML 14Page - Texas Instruments TMP006AIYZFT Datasheet HTML 15Page - Texas Instruments TMP006AIYZFT Datasheet HTML 16Page - Texas Instruments TMP006AIYZFT Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
TMP006
www.ti.com
SBOS518
– MAY 2011
TIMING DIAGRAMS
The TMP006 is two-wire and SMBus-compatible. Figure 7 and Figure 8 illustrate the timing for the various
operations on the TMP006. Parameters for Figure 7 are defined in Table 11. Bus definitions are given below.
Table 11. Timing Diagram Definitions
FAST MODE
HIGH-SPEED MODE
PARAMETER
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNIT
fSCL
SCL operating frequency, VS > 1.7 V
0.001
0.4
0.001
3.4
MHz
fSCL
SCL operating frequency, VS < 1.7 V
0.001
0.4
0.001
2.75
MHz
Bus free time between STOP and START
tBUF
600
160
ns
condition
Hold time after repeated START condition.
tHDSTA
After this period, the first clock is
100
100
ns
generated.
tSUSTA
Repeated START condition setup time
100
100
ns
tSUSTO
STOP condition setup time
100
100
ns
tHDDAT
Data hold time
0(1)
0(2)
ns
tSUDAT
Data setup time
100
10
ns
tLOW
SCL clock low period, VS > 1.7 V
1300
160
ns
tLOW
SCL clock low period, VS < 1.7 V
1300
200
ns
tHIGH
SCL clock high period
600
60
ns
tF
Clock/data fall time
300
ns
tR
Clock/data rise time
300
160
ns
tR
Clock/data rise time for SCLK
≤ 100 kHz
1000
ns
(1)
For cases with fall time of SCL less than 20 ns and/or the rise or fall time of SDA less than 20 ns, the hold time should be greater than
20 ns.
(2)
For cases with a fall time of SCL less than 10 ns and/or the rise or fall time of SDA less than 10 ns, the hold time should be greater than
10 ns.
Bus Idle: Both SDA and SCL lines remain high.
Start Data Transfer: A change in the state of the SDA line from high to low while the SCL line is high defines a
START condition. Each data transfer is initiated with a START condition.
Stop Data Transfer: A change in the state of the SDA line from low to high while the SCL line is high defines a
STOP condition. Each data transfer terminates with a STOP or a repeated START condition.
Data Transfer: The number of data bytes transferred between a START and a STOP condition is not limited and
is determined by the master device. The receiver acknowledges the transfer of data.
Acknowledge: Each receiving device, when addressed, is obliged to generate an Acknowledge bit. A device
that acknowledges must pull down the SDA line during the Acknowledge clock pulse in such a way that the SDA
line is stable low during the high period of the Acknowledge clock pulse. Setup and hold times must be taken into
account. On a master receive, data transfer termination can be signaled by the master generating a
Not-Acknowledge on the last byte that has been transmitted by the slave.
In order for the two-wire bus to operate at frequencies above 400 kHz, the master device must issue a
High-speed mode (Hs-mode) master code (0000100X) as the first byte after a START condition to switch the bus
to high-speed operation. The TMP006 does not acknowledge this byte, but switches the input filters on SDA and
SCL and the output filter on SDA to operate in Hs-mode, allowing transfers at up to 3.4 MHz. After the Hs-mode
master code has been issued, the master transmits a two-wire slave address to initiate a data transfer operation.
The bus continues to operate in Hs-mode until a STOP condition occurs on the bus. Upon receiving the STOP
condition, the TMP006 switches the input and output filter back to fast-mode operation.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TMP006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com