Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB1501 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # DB1501
Description  1.5 Amp Surface Mount Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

DB1501 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  DB1501 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH DB1501 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DB1501 ~ DB1507
VOLTAGE 50 V ~ 1000 V
1.5 Amp Surface Mount Bridge Rectifiers
Elektronische Bauelemente
01-December-2008 Rev. A
Page 2 of 2
RATINGS AND CHARACTERISTIC CURVES
NUMBER OF CYCLES AT 60Hz
FIG.2-MAXIMUM NON-REPETITIVE
SURGE CURRENT
0
10
20
30
40
50
1
2
5
10
20
50
100
SINGE HALF-SINE-WAVE
(JEDEC METHOD)
AMBIENT TEMPERATURE, oC
50
100
150
0.00
0.25
0.50
0.75
1.00
1.25
1.50
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
FIG.4-TYPICAL FORWARD CHARACTERISTICS
0.01
0.1
1.0
10
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
TJ=25
PULSE WIDTH:300us
2% DUTY CYCLE
FIG.3-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(VOLTS)
10.0
100
0.1
1.0
4.0
1.0
10
100
TJ=25  ,f=1MHZ
FIG.5-TYPICAL REVERSE CHARACTERISTICS
TJ=25 
TJ=125
0
20
40
60
80
100
120
140
0.01
0.1
1.0
10
100
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
FIG. 1 - Forward Current Derating Curve
C
o
C
o
C
o
C
o



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com