Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB1502 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # DB1502
Description  1.5 Amp Surface Mount Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

DB1502 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  DB1502 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH DB1502 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DB1501 ~ DB1507
VOLTAGE 50 V ~ 1000 V
1.5 Amp Surface Mount Bridge Rectifiers
Elektronische Bauelemente
01-December-2008 Rev. A
Page 1 of 2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low forward voltage drop, high current capability
Rating to 1000V PRV
Ideal for printed circuit board
Reliable low cost construction utilizing molded plastic technique
results in inexpensive products
Lead tin Pb / Sn copper
The plastic material has UL flammability classification 94V-0
PACKAGING INFORMATION
Polarity: As marked on Body
Weight: 0.38 grams (approximately)
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.
PARAMETERS
SYMBOL
DB
1501
DB
1502
DB
1503
DB
1504
DB
1505
DB
1506
DB
1507
UNIT
Peak Repetitive Peak Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRMS
VDC
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
V
Maximum Average Forward Rectified Current
@TA=40℃
I(AV)
A
5
.
1
Peak Forward Surge Current 8.3 ms Single Half
Sine-Wave Super Imposed on Rated Load
(JEDEC Method)
IFSM
A
0
5
Maximum Forward Voltage at 1.5 A DC
VF
V
1
.
1
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Blocking Voltage
@TJ=125℃
IR
10
500
uA
I2t Rating for Fusing (t<8.3ms)
I2
A
4
.
0
1
t
2s
Typical Junction Capacitance Per Element (Note1)
CJ
F
p
5
2
Typical Thermal Resistance (Note2)
RθJA
0
4
℃
/W
Operating and Storage temperature range
TJ, TSTG
0
5
1
~
5
5
-
℃
Note:
1. Measured at 1.0 MHz and applied reverse voltage of 4.0 V DC
2. Thermal resistance from junction to ambient mounted on P.C.B. with 0.5*0.5"(13*13mm) copper pads.
DB-1
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
8.20
8.80
F
0.45
0.55
B
7.60
8.90
G
1.50 (TYP.)
C
3.15
3.40
H
3.90
4.90
D
6.20
6.50
J
-
-
E
5.00
5.20
A
F
J
E
B
H
C
G
D
~
~


Similar Part No. - DB1502

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
DB1502 DEC-DB1502 Datasheet
462Kb / 2P
15 AMP SILICON BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
DB1502 SECOS-DB1502 Datasheet
183Kb / 2P
Surface Mount Bridge Rectifiers
logo
DIOTEC Electronics Corp...
DB1502P DEC-DB1502P Datasheet
476Kb / 2P
15 AMP SILICON BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
DB1502S SECOS-DB1502S Datasheet
111Kb / 2P
1.5 Amp Surface Mount Bridge Rectifiers
DB1502S SECOS-DB1502S Datasheet
155Kb / 2P
1.5 Amp Surface Mount Bridge Rectifiers
More results

Similar Description - DB1502

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
DB1501S SECOS-DB1501S Datasheet
111Kb / 2P
1.5 Amp Surface Mount Bridge Rectifiers
DB1501S SECOS-DB1501S_10 Datasheet
155Kb / 2P
1.5 Amp Surface Mount Bridge Rectifiers
logo
Goodwork Semiconductor ...
DB151 GWSEMI-DB151 Datasheet
63Kb / 2P
SINGLE PHASE 1.5 AMP SURFACE MOUNT BRIDGE RECTIFIERS
DB151S GWSEMI-DB151S Datasheet
66Kb / 2P
SINGLE PHASE 1.5 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
DB1501 SECOS-DB1501_15 Datasheet
343Kb / 2P
1.5 Amp Surface Mount Bridge Rectifiers
DB1501S SECOS-DB1501S_15 Datasheet
107Kb / 2P
1.5 Amp Surface Mount Bridge Rectifiers
MD151S SECOS-MD151S_15 Datasheet
384Kb / 2P
1.5 Amp Surface Mount Bridge Rectifiers
logo
Nanjing International G...
DB151GS DGNJDZ-DB151GS Datasheet
112Kb / 2P
SINGLE PHASE 1.5 AMP SURFACE MOUNT BRIDGE RECTIFIERS
DB151GS-DB157GS DGNJDZ-DB151GS-DB157GS Datasheet
150Kb / 2P
SINGLE PHASE 1.5 AMP SURFACE MOUNT BRIDGE RECTIFIERS
DB151G DGNJDZ-DB151G Datasheet
193Kb / 2P
SINGLE PHASE 1.5 AMP SURFACE MOUNT BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com