Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

608G Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 608G
Description  Phase leg Intelligent Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

608G Datasheet(HTML) 2 Page - Microsemi Corporation

  608G Datasheet HTML 1Page - Microsemi Corporation 608G Datasheet HTML 2Page - Microsemi Corporation 608G Datasheet HTML 3Page - Microsemi Corporation 608G Datasheet HTML 4Page - Microsemi Corporation 608G Datasheet HTML 5Page - Microsemi Corporation 608G Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
APTLGT400A608G
www.microsemi.com
2- 6
All ratings @ Tj = 25°C unless otherwise specified
1. Inverter Power Module
Absolute maximum ratings
Symbol
Parameter
Max ratings
Unit
VCES
Collector - Emitter Breakdown Voltage
600
V
TC = 25°C
600
IC
Continuous Collector Current
TC = 80°C
400
ICM
Pulsed Collector Current
TC = 25°C
800
A
PD
Maximum Power Dissipation
TC = 25°C
1250
W
RBSOA Reverse Bias Safe Operating Area
Tj = 150°C
800A@550V
Electrical Characteristics
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
Tj = 25°C
0.3
ICES
Zero Gate Voltage Collector Current
VGE = 0V
VCE = 600V
Tj = 150°C
1
mA
Tj = 25°C
1.5
1.9
VCE(sat)
Collector Emitter Saturation Voltage
VDD = VIN = 5V
IC = 400A
Tj = 150°C
1.7
V
Dynamic Characteristics
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
Cies
Input Capacitance
24
Coes
Output Capacitance
1.6
Cres
Reverse Transfer Capacitance
VGE = 0V
VCE = 25V
f = 1MHz
0.8
nF
Tr
Rise Time
45
Tf
Fall Time
Inductive Switching (25°C)
VDD = VIN = 5V
VBus = 300V ; IC = 400A
55
ns
Tr
Rise Time
25
Tf
Fall Time
70
ns
Eon
Turn-on Switching Energy
3.5
Eoff
Turn-off Switching Energy
Inductive Switching (125°C)
VDD = VIN = 5V
VBus = 300V
IC = 400A
14
mJ
Isc
Short Circuit data
VDD = VIN = 5V; VBus =360V
tp ≤ 6µs ; Tj = 150°C
2000
A
RthJC
Junction to Case thermal resistance
0.12
°C/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com