Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HER201G Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # HER201G
Description  Glass Passivated High Efficiency Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

HER201G Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  HER201G Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH HER201G Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
HER201G ~ HER207G
VOLTAGE 50 ~ 1000 V
2 A, Glass Passivated High Efficiency Rectifiers
01-June-2008 Rev. B
Page 1 of 2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low forward voltage drop
High current capability
High reliability
High surge current capability
High speed switching
PACKAGING INFORMATION
Glass Passivated
Case: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Axial leads, solderable per MIL-STD-202,
method 208 guaranteed
Polarity: Color band denotes cathode end
Mounting position: Any
Weight: 0.4300 grams (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25°C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
PART NUMBERS
PARAMETERS
SYMBOL
HER
201
G
HER
202
G
HER
203
G
HER
204
G
HER
205
G
HER
206
G
HER
207
G
UNITS
TESTING
CONDITIONS
Recurrent Reverse Voltage (Max.)
VRRM
50
100
200
400
600
800
1000
V
RMS Voltage (Max.)
VRMS
35
70
140
280
420
560
700
V
DC Blocking Voltage (Max.)
VDC
50
100
200
400
600
800
1000
V
Instantaneous Forward Voltage
(Max.)
VF
1.00
1.30
1.85
V
IF = 2A
Average Forward
Rectified Current (Max.)
IO
2.0
A
0.375” (9.5mm)
lead length
@ TA = 50°C
Peak Forward Surge Current
IFSM
60
A
8.3ms single half
sine-wave
superimposed on
rated load
(JEDEC method)
5.0
VR = VRRM, TA=25°C
DC Reverse Current (Max.)
IR
150
μA
VR=VRRM, TA=100°C
Reverse Recovery Time (Max.)
TRR
50
70
nS
IF=0.5A, IR=1.0A,
IRR=0.25A
Junction Capacitance (Typ.)
CJ
30
pF
f=1MHz and
applied 4V DC
reverse voltage
Storage Temperature Range
TSTG
-65 ~ 150
°C
A
C
B
A
D
Millimeter
REF.
Min.
Max.
A
25.4 (TYP)
B
5.80
7.62
C
2.60
3.60
D
-
0.90
DO-15


Similar Part No. - HER201G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
HER201G JGD-HER201G Datasheet
172Kb / 2P
2.0 AMPS. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
GOOD-ARK Electronics
HER201G GOOD-ARK-HER201G Datasheet
118Kb / 2P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
Leshan Radio Company
HER201G LRC-HER201G Datasheet
61Kb / 2P
24 HIGH EFFICIENCY GPP DIODES
logo
Micro Commercial Compon...
HER201G MCC-HER201G Datasheet
311Kb / 2P
Passivated High Efficient Rectifiers 50 to 1000 Volts 2.0 Amp Glass
logo
Won-Top Electronics
HER201G WTE-HER201G Datasheet
58Kb / 4P
2.0A GLASS PASSIVATED ULTRAFAST DIODE
More results

Similar Description - HER201G

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
HER1601 HY-HER1601 Datasheet
94Kb / 2P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIERS
logo
Comchip Technology
CUR801-G COMCHIP-CUR801-G Datasheet
65Kb / 3P
High Efficiency Glass Passivated Rectifiers
logo
SeCoS Halbleitertechnol...
HER301G SECOS-HER301G_15 Datasheet
219Kb / 2P
Glass Passivated High Efficiency Rectifiers
logo
Marl International Limi...
CUR801 MARL-CUR801_15 Datasheet
65Kb / 3P
High Efficiency Glass Passivated Rectifiers
logo
Unisonic Technologies
HER504G UTC-HER504G Datasheet
154Kb / 4P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
HER801 HY-HER801_17 Datasheet
144Kb / 3P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIERS
HERF801 HY-HERF801_17 Datasheet
140Kb / 3P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIERS
HERF1601 HY-HERF1601_17 Datasheet
140Kb / 3P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIERS
HER20XG HY-HER20XG Datasheet
419Kb / 3P
High Efficiency Glass Passivated Rectifiers
HER30XG HY-HER30XG Datasheet
426Kb / 3P
High Efficiency Glass Passivated Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com