Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS4448 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # LS4448
Description  Hermetically Sealed Glass Fast Switching Diodes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

LS4448 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  LS4448 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LS4448
500 mW
Hermetically Sealed Glass Fast Switching Diodes
Elektronische Bauelemente
14-Apr-2011 Rev. A
Page 1 of 1
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Fast Switching Device (TRR < 4.0nS)
QUADRO Mini-MELF Package
Surface Device Type Mounting
Hermetically Sealed Glass
Compression Bonded Construction
All External Surfaces Are Corrosion Resistant And
Terminals Are Readily Solderable
Matte Tin (Sn) Lead Finish
Color band Indicates Negative Polarity
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Power Dissipation
PD
500
mW
Operating Junction and
Storage Temperature Range
TJ, TSTG
150, -65~150
°C
Working Inverse Voltage
WIV
75
V
Average Rectified Current
IO
150
mA
Non-repetitive Peak Forward Current
IFM
450
mA
Peak Forward Surge Current
IFSURGE
2
A
Notes:
1.
These ratings are limiting values above which the serviceability of the diode may be impaired.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Limits
Unit
Test Condition
Min
Max
Breakdown Voltage
BV
100
-
V
IR=100μA
75
-
IR=5μA
Reverse Leakage Current
IR
-
25
nA
VR=20V
-
5
μA
VR=75V
Forward Voltage
VF
0.62
0.72
V
IF=5mA
-
1.0
IF=100mA
Reverse Recovery Time
TRR
-
4
nS
IF=IR=10mA
RL=100Ω
IRR=1mA
-
-
Capacitance
C
-
4
pF
VR=0, f=1MHz
QUADRO (Mini-MELF)
REF.
Millimeter
Min.
Max.
A
3.30
3.70
B
1.40
1.60
C
0.35
0.45
D
1.8 Typ.
D
A
C
C
B
Cathode
Anode


Similar Part No. - LS4448

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LS4448 VISHAY-LS4448 Datasheet
56Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
logo
Diotec Semiconductor
LS4448 DIOTEC-LS4448 Datasheet
103Kb / 2P
Surface Mount Small Signal Diodes
logo
Taiwan Semiconductor Co...
LS4448 TSC-LS4448 Datasheet
91Kb / 2P
500mW Hermetically Sealed Glass Fast Switching Diodes
logo
Vishay Siliconix
LS4448 VISHAY-LS4448 Datasheet
195Kb / 5P
Small Signal Fast Switching Diodes
04-May-07
logo
SEMTECH ELECTRONICS LTD...
LS4448 SEMTECH_ELEC-LS4448 Datasheet
211Kb / 3P
SILICON EPITAXIAL PLANAR DIODE
More results

Similar Description - LS4448

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
LL4448 TSC-LL4448 Datasheet
44Kb / 1P
500mW Hermetically Sealed Glass Fast Switching Diodes
LL914B TSC-LL914B Datasheet
69Kb / 2P
500mW Hermetically Sealed Glass Fast Switching Diodes
LS4448 TSC-LS4448 Datasheet
91Kb / 2P
500mW Hermetically Sealed Glass Fast Switching Diodes
logo
SeCoS Halbleitertechnol...
LS4148 SECOS-LS4148_11 Datasheet
92Kb / 1P
Hermetically Sealed Glass Fast Switching Diodes
LL4151 SECOS-LL4151_15 Datasheet
53Kb / 1P
Hermetically Sealed Glass Fast Switching Diodes
LS4148 SECOS-LS4148_15 Datasheet
92Kb / 1P
Hermetically Sealed Glass Fast Switching Diodes
LS4448 SECOS-LS4448_15 Datasheet
231Kb / 2P
Hermetically Sealed Glass Fast Switching Diodes
logo
Taiwan Semiconductor Co...
LL4148L TSC-LL4148L_15 Datasheet
223Kb / 5P
500mW Hermetically Sealed Glass Fast Switching Diodes
logo
Guangdong Juxing Electr...
LL4148 JUXING-LL4148 Datasheet
548Kb / 2P
500mW Hermetically Sealed Glass Fast Switching Diodes
logo
SeCoS Halbleitertechnol...
LL4148 SECOS-LL4148_18 Datasheet
182Kb / 2P
Hermetically Sealed Glass Fast Switching Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com