Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M8550 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # M8550
Description  PNP Plastic Encapsulate Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

M8550 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  M8550 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH M8550 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
M8550
-40V, -0.8A, 200mW
PNP Plastic Encapsulate Transistor
Elektronische Bauelemente
29-Apr-2011 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
1
Base
2
Emitter
Collector
3
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Power dissipation
MARKING
CLASSIFICATION OF hFE(2)
Product-Rank
M8550-L
M8550-H
Range
85-200
200-300
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-23
3K
7’ inch
MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector - Base Voltage
VCBO
-40
V
Collector - Emitter Voltage
VCEO
-25
V
Emitter - Base Voltage
VEBO
-6
V
Collector Current - Continuous
IC
-0.8
A
Collector Power Dissipation
PC
0.2
W
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test conditions
Collector-Base Breakdown Voltage
V(BR)CBO
-40
-
-
V
IC= -100µA, IE=0
Collector-Emitter Breakdown Voltage
V(BR)CEO*
-25
-
-
V
IC= -1mA, IB=0
Emitter-Base Breakdown Voltage
V(BR)EBO
-6
-
-
V
IE= -100µA, IC=0
Collector Cut-Off Current
ICBO
-
-
-0.1
µA
VCB= -35V, IE=0
Emitter Cut-Off Current
ICEO
-
-
-0.1
µA
VCE= -20V, IC=0
DC Current Gain
hFE (1)
45
-
-
VCE= -1V, IC= -5mA
hFE (2)
80
-
300
VCE= -1V, IC= -100mA
hFE (3)
40
-
-
VCE= -1V, IC= -800mA
Collector-Emitter Saturation Voltage
VCE(sat)
-
-
-0.5
V
IC= -800mA, IB= -80mA
Base-Emitter Saturation Voltage
VBE(sat)
-
-
-1.2
V
IC= -800mA, IB= -80mA
Transition frequency
fT
150
-
-
MHz
VCE= -6V, IC= -20mA, f=30MHz
*Pulse test:pulse width ≦ 300µS, duty cycle ≦ 2%.
Product
Marking Code
M8550
Y21
SOT-23
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
2.70
3.04
G
-
0.18
B
2.10
2.80
H
0.40
0.60
C
1.20
1.60
J
0.08
0.20
D
0.89
1.40
K
0.6 REF.
E
1.78
2.04
L
0.85
1.15
F
0.30
0.50


Similar Part No. - M8550

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
M8550 JIANGSU-M8550 Datasheet
34Kb / 1P
TRANSISTOR 竊?PNP 竊
logo
Shenzhen Jin Yu Semicon...
M8550 HTSEMI-M8550 Datasheet
727Kb / 2P
TRANSISTOR(PNP)
logo
Diode Semiconductor Kor...
M8550 DSK-M8550 Datasheet
205Kb / 3P
Silicon Epitaxial Planar Transistor
logo
Yea Shin Technology Co....
M8550 YEASHIN-M8550 Datasheet
605Kb / 2P
Plastic-Encapsulate Transistors
logo
Galaxy Semi-Conductor H...
M8550 BILIN-M8550 Datasheet
137Kb / 3P
Silicon Epitaxial Planar Transistor
More results

Similar Description - M8550

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BC807-16W SECOS-BC807-16W Datasheet
197Kb / 3P
PNP Plastic Encapsulate Transistor
logo
Weitron Technology
BCX53 WEITRON-BCX53 Datasheet
700Kb / 3P
PNP Plastic-Encapsulate Transistor
logo
Micro Commercial Compon...
MMBT5401 MCC-MMBT5401 Datasheet
68Kb / 2P
PNP Plastic Encapsulate Transistor
logo
Weitron Technology
BC869 WEITRON-BC869 Datasheet
522Kb / 3P
PNP Plastic-Encapsulate Transistor
KTA1266 WEITRON-KTA1266 Datasheet
216Kb / 3P
PNP Plastic-Encapsulate Transistor
logo
Micro Commercial Compon...
2SA1012 MCC-2SA1012 Datasheet
213Kb / 2P
PNP Plastic-Encapsulate Transistor
logo
SeCoS Halbleitertechnol...
BC807 SECOS-BC807 Datasheet
419Kb / 2P
PNP Plastic Encapsulate Transistor
BC327 SECOS-BC327_15 Datasheet
299Kb / 3P
PNP Plastic-Encapsulate Transistor
CZD772M SECOS-CZD772M Datasheet
314Kb / 2P
PNP Plastic Encapsulate Transistor
BCX53 SECOS-BCX53_16 Datasheet
341Kb / 2P
PNP Plastic Encapsulate Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com