Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPT20050 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # CPT20050
Description  Schottky PowerMod
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

CPT20050 Datasheet(HTML) 1 Page - Microsemi Corporation

  CPT20050 Datasheet HTML 1Page - Microsemi Corporation CPT20050 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Reverse Energy Tested
ROHS Compliant
Microsemi
Catalog Number
CPT20040*
CPT20045*
CPT20050*
50V
45V
40V
Reverse Voltage
Repetitive Peak
Schottky Barrier Rectifier
Guard Ring Protection
200 Amperes/35 to 50 Volts
Common Cathode Center Tap
Working Peak
Reverse Voltage
40V
45V
50V
CPT20035*
35V
35V
1/4-20
---
---
Notes
Max.
Min.
Max.
Min.
3.150 BSC
80.01 BSC
---
---
1.375 BSC
34.92 BSC
Dia.
Dia.
0.195
0.340
---
0.290
---
0.510
0.130
0.630
0.800
3.630
0.180
0.312
0.600
0.275
0.010
0.490
0.120
---
0.700
---
4.95
8.64
---
7.37
---
12.95
3.30
16.00
20.32
92.20
4.57
7.92
15.24
6.99
0.25
12.45
3.05
---
17.78
---
W
V
U
R
Q
N
H
G
F
E
C
B
A
Millimeters
Dim. Inches
T
Case to sink
Junction to case
R0
0
R
T
Thermal and Mechanical Characteristics
Schottky PowerMod
175°C Junction Temperature
T
T
*Pulse test: Pulse width 300µsec, Duty cycle 2%
l
Average forward current
T
T
T
T
I
I
V
V
VR = 5.0V, J = 25°C
T
Typical junction capacitance per leg
Max peak reverse current
Max peak reverse current
Max peak forward voltage
Max peak forward voltage
Maximum surge current
Average forward current
l
l
F(AV) 200 Amps
F(AV) 100 Amps
FSM 2000 Amps
I R(OV) 2 Amps
FM 0.80 Volts
V
FM 0.60 Volts
V
RM 75mA
I
RM 4.0mA
I
J 4600pF
C
C = 143°C,
f = 1 KHZ, 25°C, 1 µsec square wave
FM = 200A: J = 25°C*
FM = 200A: J = 175°C*
RRM, J = 125°C*
8.3ms, half sine, J = 175°C
per pkg
per leg
per leg
per leg
per leg
per leg
per leg
Maximum repetitive reverse current per leg
CPT20035 - CPT20050
*Add Suffix A for Common Anode, D for Doubler
Electrical Characteristics
Storage temp range
Operation junction temp range
Max thermal resistance per leg
Weight
Terminal Torque
Mounting Base Torque (outside holes)
center bolt must be torqued first
2.8 ounces (75 grams) typical
JC
CS
0.5°C/W
0.08C/W
-55°C to 175°C
-55°C to 175°C
STG
J
R
R
RRM, J = 25°C
Square wave, 0JC = 0.25°C/W
Mounting Base Torque (center hole)
Typical thermal resistance (greased)
35-50 inch pounds
30-40 inch pounds
8-10 inch pounds
copper
Baseplate: Nickel plated
Notes:
D=Doubler
Baseplate
A=Common Anode
Baseplate
Common Cathode
Baseplate
W
N
Q
H
C
E
B
V
U
F
U
G
R
A
Max thermal resistance per pkg
JC
R0
Junction to case
0.25°C/W
MBRP20045CT
Industry
Part Number
201CNQ045
201CNQ040
201CNQ035
T
Square wave, 0JC = 0.5°C/W
C = 143°C,
January, 2010 - Rev. 4
www.microsemi.com


Similar Part No. - CPT20050

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
CPT20050 MICROSEMI-CPT20050 Datasheet
148Kb / 2P
Schottky PowerMod
More results

Similar Description - CPT20050

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
CPT12035 MICROSEMI-CPT12035 Datasheet
148Kb / 2P
Schottky PowerMod
CPT20230 MICROSEMI-CPT20230 Datasheet
145Kb / 2P
Schottky PowerMod
CPT40080 MICROSEMI-CPT40080 Datasheet
149Kb / 2P
Schottky PowerMod
FST19235 MICROSEMI-FST19235 Datasheet
151Kb / 2P
Schottky PowerMod
CPT60035 MICROSEMI-CPT60035 Datasheet
160Kb / 2P
SCHOTTKY POWERMOD
CPT40030 MICROSEMI-CPT40030 Datasheet
171Kb / 2P
Schottky PowerMod
CPT600180 MICROSEMI-CPT600180 Datasheet
159Kb / 2P
SCHOTTKY POWERMOD
FST15135 MICROSEMI-FST15135 Datasheet
149Kb / 2P
Schottky PowerMod
CPT30060 MICROSEMI-CPT30060_10 Datasheet
123Kb / 2P
Schottky PowerMod
FST15230 MICROSEMI-FST15230_10 Datasheet
120Kb / 2P
Schottky PowerMod
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com