Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR20045CT Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MBR20045CT
Description  Schottky PowerMod
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MBR20045CT Datasheet(HTML) 1 Page - Microsemi Corporation

  MBR20045CT Datasheet HTML 1Page - Microsemi Corporation MBR20045CT Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ROHS Compliant
copper
Baseplate: Nickel plated
Baseplate
A=Common Anode
Baseplate
Common Cathode
Baseplate
D=Doubler
CPT20130 - CPT20145
Electrical Characteristics
*Pulse test: Pulse width 300µsec, Duty cycle 2%
200 Amps
100 Amps
2000 Amps
2 Amps
0.68 Volts
0.64 Volts
4.0mA
5500pF
Thermal and Mechanical Characteristics
Schottky PowerMod
1100mA
Average forward current per pkg
Average forward current per leg
Maximum surge current per leg
Max peak forward voltage per leg
Max peak forward voltage per leg
Max peak reverse current per leg
Max peak reverse current per leg
Typical junction capacitance
Maximum repetitive reverse current per leg
Storage temp range
Operating junction temp range
Max thermal resistance per leg
Typical thermal resistance (greased)
Terminal Torque
Mounting Base Torque (outside holes)
Weight
center hole must be torqued first
Mounting Base Torque (center hole)
OJC
OCS
STG
R
R
TJ
T
CJ
F(AV)
FSM
RM
RM
R(OV)
I
I
FM
V
I
FM
V
I
F(AV)
I
I
H
Q
40V
35V
30V
45V
Working Peak
Reverse Voltage
*Add Suffix A for Common Anode, D for Doubler
CPT20140*
CPT20135*
CPT20130*
CPT20145*
Microsemi
Catalog Number
V
U
N
W
F
Reverse Voltage
Repetitive Peak
E
40V
35V
30V
45V
Notes:
U
C
B
G
R
A
C = 99°C, Square wave,
0JC = .40°C/W
C = 99°C, Square wave,
0JC = .20°C/W
30-40 inch pounds
2.8 ounces (75 grams) typical
8-10 inch pounds
T
T
8.3ms, half sine,
J = 125°C
f = 1 KHZ, 25°C
FM = 200A:
J = 25°C*
FM = 200A:
J = 125°C*
RRM,
J = 125°C*
RRM,
J = 25°C
R = 5.0V,
C = 25°C
35-50 inch pounds
-55°C to 150°C
-55°C to 150°C
Junction to case
Case to sink
0.40°C/W
0.08°C/W
V
T
V
V
I
I
T
T
T
T
T
R
R
1/4-28
Dia.
Dia.
Notes
92.20
A
3.630
---
3.150 BSC
---
0.510
0.130
0.800
0.630
---
0.290
0.340
0.195
200 Amperes/30 to 45 Volts
Schottky Barrier Rectifier
Guard Ring Protection
Reverse Energy Tested
150° C Junction Temperature
0.312
0.180
0.600
V
W
U
---
0.275
Q
R
N
1.375 BSC
E 0.120
0.010
0.490
G
H
F
---
0.700
C
B
80.01 BSC
34.92 BSC
---
15.24
7.92
4.57
6.99
12.45
3.05
---
17.78
0.25
---
---
7.37
8.64
4.95
12.95
3.30
20.32
16.00
---
Dim. Inches
Max.
---
Min.
Millimeters
---
Min.
Max.
Part Number
MBR20030CT
200CNQ035
Industry
224CNQ035
MBR20035CT
200CNQ040
224CNQ040
MBR20040CT
200CNQ045
224CNQ045
MBR20045CT
January, 2010 - Rev. 4
www.microsemi.com


Similar Part No. - MBR20045CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR20045CT MCC-MBR20045CT Datasheet
414Kb / 3P
200 Amp Rectifier 20 to 100 Volts Schottky Barrier
logo
TRANSYS Electronics Lim...
MBR20045CT TEL-MBR20045CT Datasheet
133Kb / 2P
SCHOTTKY DIODES MODULE TYPE 200A
logo
Naina Semiconductor ltd...
MBR20045CT NAINA-MBR20045CT Datasheet
136Kb / 2P
Silicon Schottky Diode, 200A
logo
America Semiconductor, ...
MBR20045CT AMERICASEMI-MBR20045CT Datasheet
446Kb / 2P
HIGH POWER -SCHOTTKY RECTIFIERS
logo
GeneSiC Semiconductor, ...
MBR20045CT GENESIC-MBR20045CT Datasheet
461Kb / 3P
High Surge Capability
More results

Similar Description - MBR20045CT

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
CPT12035 MICROSEMI-CPT12035 Datasheet
148Kb / 2P
Schottky PowerMod
CPT20230 MICROSEMI-CPT20230 Datasheet
145Kb / 2P
Schottky PowerMod
CPT40080 MICROSEMI-CPT40080 Datasheet
149Kb / 2P
Schottky PowerMod
FST19235 MICROSEMI-FST19235 Datasheet
151Kb / 2P
Schottky PowerMod
CPT60035 MICROSEMI-CPT60035 Datasheet
160Kb / 2P
SCHOTTKY POWERMOD
CPT40030 MICROSEMI-CPT40030 Datasheet
171Kb / 2P
Schottky PowerMod
CPT600180 MICROSEMI-CPT600180 Datasheet
159Kb / 2P
SCHOTTKY POWERMOD
CPT20035 MICROSEMI-CPT20035_10 Datasheet
122Kb / 2P
Schottky PowerMod
CPT30060 MICROSEMI-CPT30060_10 Datasheet
123Kb / 2P
Schottky PowerMod
FST15230 MICROSEMI-FST15230_10 Datasheet
120Kb / 2P
Schottky PowerMod
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com