Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT42CSM Datasheet(PDF) 1 Page - Seme LAB

Part # FMMT42CSM
Description  GENERAL PURPOSE NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

FMMT42CSM Datasheet(HTML) 1 Page - Seme LAB

  FMMT42CSM Datasheet HTML 1Page - Seme LAB FMMT42CSM Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FMMT42CSM
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
3/99
GENERAL PURPOSE
NPN TRANSISTOR
IN A HERMETICALLY SEALED
CERAMIC SURFACE MOUNT
PACKAGE
FEATURES
• GENERAL PURPOSE NPN TRANSISTOR
• HERMETIC CERAMIC SURFACE MOUNT
PACKAGE
• CECC SCREENING OPTIONS
VCBO
Collector – Base Voltage
VCEO
Collector – Emitter Voltage
VEBO
Emitter – Base Voltage
IC
Continuous Collector Current
Ptot
Power Dissipation @ Tamb = 25°C
@ Tcase = 25°C
TjTstg
Operating and Storage Temperature
300V
300V
6V
500mA
680mW
1.8W
–55 to 175°C
MECHANICAL DATA
Dimensions in mm (inches)
SOT23 CERAMIC
(LCC1 PACKAGE)
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
PAD 1 – Base
Underside View
PAD 2 – Emitter
PAD 3 – Collector
21
0.51 ± 0.10
(0.02 ± 0.004)
0.31
(0.012)
1.91 ± 0.10
(0.075 ± 0.004)
3.05 ± 0.13
(0.12 ± 0.005)
1.02 ± 0.10
(0.04 ± 0.004)
1.40
(0.055)
max.
A
0.31
(0.012)
rad.
rad.
A =
3
THERMAL CHARACTERISTICS
Parameter
Max.
Unit
Rth(j-amb) Thermal Resistance Junction to Ambient
350
°C/W


Similar Part No. - FMMT42CSM

ManufacturerPart #DatasheetDescription
logo
Seme LAB
FMMT42CSM SEME-LAB-FMMT42CSM Datasheet
19Kb / 2P
GENERAL PURPOSE NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE
FMMT42CSM SEME-LAB-FMMT42CSM_03 Datasheet
19Kb / 2P
GENERAL PURPOSE NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE
More results

Similar Description - FMMT42CSM

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N3209DCSM SEME-LAB-2N3209DCSM Datasheet
16Kb / 2P
DUAL HIGH SPEED, MEDIUM POWER PNP GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE
2N3904CSM SEME-LAB-2N3904CSM Datasheet
21Kb / 2P
GENERAL PURPOSE NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N918CSM SEME-LAB-2N918CSM Datasheet
19Kb / 2P
GENERAL PURPOSE, SMALL SIGNAL NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
BCX17CSM SEME-LAB-BCX17CSM Datasheet
16Kb / 2P
GENERAL PURPOSE PNP TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
BCX19CSM4 SEME-LAB-BCX19CSM4 Datasheet
16Kb / 2P
GENERAL PURPOSE NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
FMMT92CSM SEME-LAB-FMMT92CSM Datasheet
18Kb / 2P
GENERAL PURPOSE PNP TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE
2N4928CSM SEME-LAB-2N4928CSM Datasheet
20Kb / 2P
GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED
2N3250CSM SEME-LAB-2N3250CSM Datasheet
27Kb / 2P
GENERAL PURPOSE PNP TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
FMMT42CSM SEME-LAB-FMMT42CSM_03 Datasheet
19Kb / 2P
GENERAL PURPOSE NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE
FMMT92CSM SEME-LAB-FMMT92CSM_07 Datasheet
39Kb / 2P
GENERAL PURPOSE PNP TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com