Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT92CSM Datasheet(PDF) 2 Page - Seme LAB

Part # FMMT92CSM
Description  GENERAL PURPOSE PNP TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

FMMT92CSM Datasheet(HTML) 2 Page - Seme LAB

  FMMT92CSM Datasheet HTML 1Page - Seme LAB FMMT92CSM Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FMMT92CSM
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
3/99
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IC = -100µAIE = 0
IC = -1mA*
IB = 0
IE = -10µAIC = 0
VCB = -200V
IE = 0
VEB = -3V
IE = 0
IC = -20mA
IB = -2mA
IC = -20mA
IB = -2mA
IC = -1mA
VCE = -10V*
IC = -10mA
VCE = -10V*
IC = -30mA
VCE = -10V*
VCE = -20V
IC = -10mA
f = 20MHz
VCB = -20V
f = 1MHz
ELECTRICAL CHARACTERISTICS (T
C = 25°C unless otherwise stated)
V(BR)CBO
Collector – Base Breakdown Voltage
V(BR)CEO
Collector - Emitter Breakdown Voltage
V(BR)EBO
Emitter – Base Breakdown Voltage
ICBO
Collector Cut-off Current
IEBO
Emitter Cut-off Current
VCE(sat)
Collector – Emitter Saturation Voltage
VBE(sat)
Emitter Saturation Voltage
hFE
Static Forward Current Transfer Ratio
fT
Transition Frequency
Cobo
Output Capacitance
-300
-300
-5
-0.25
-0.1
-0.5
-0.9
25
40
25
50
6
V
V
V
µA
V
MHz
pF
* Pulse Test: Pulse Width = 200
µs, Duty Cycle ≤ 2%.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com