Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRF1301 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # DRF1301
Description  MOSFET Push-Pull Hybrid
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

DRF1301 Datasheet(HTML) 2 Page - Microsemi Corporation

  DRF1301 Datasheet HTML 1Page - Microsemi Corporation DRF1301 Datasheet HTML 2Page - Microsemi Corporation DRF1301 Datasheet HTML 3Page - Microsemi Corporation DRF1301 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DRF1301
MOSFET Absolutes Maximum Ratings (Per-Section)
Symbol
Parameter
Min
Typ
Max
Unit
BV
DSS
Drain Source Voltage
1000
V
I
D
Continuous Drain Current T
HS = 25°C
15
A
R
DS(on)
Drain-Source On State Resistance
1
Ω
T
jmax
Operating Temperature
175
°C
MOSFET Dynamic Characteristics (Per-Section)
Section A and B Output Switching Performance
Symbol
Characteristic
Min
Typ
Max
Unit
T
ON
Leading Edge 10% to 90%
2
3
4
ns
T
OFF
Trailing Edge 10% to 90%
45
TBD
49
T
DLY(ON)
Total Throughput Delay Time, ON
45
TBD
47
T
DLY(OFF)
Total Throughput Delay Time, OFF
49
50
51
∆T
DLY(ON)
Delta T
ON Delay between Section A and B
-0.5
0
1.5
∆T
DLY(OFF)
Delta T
OFF Delay between Section A and B
0
0.6
1.3
Symbol
Parameter
Min
Typ
Max
Unit
C
ISS
Input Capacitance
1800
pF
C
oss
Output Capacitance
335
C
rss
Reverse Transfer Capacitance
75
MOSFET Thermal Characteristics (Total Package)
Symbol
Parameter
Min
Type
Max
Unit
RθJC
Junction to Case Thermal Resistance
.06
°C/W
RθJHS
Junction to Heat Sink Thermal Resistance
.14
T
JSTG
Storage Junction Temperature
-55 to 150
°C
P
DHS
Maximum Power Dissipation @ T
SINK = 25°C
1.07
KW
P
DC
Total Power Dissipation @ T
C = 25°C
2.5
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
Driver Output Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
C
out
Output Capacitance
2500
pF
R
out
Output Resistance
.8
Ω
L
out
Output Inductance
3
nH
F
MAX
Operating Frequency CL = 3000nF + 50Ω
30
MHz
F
MAX
Operating Frequency RL = 50Ω
50
Symbol
Parameter
Min
Typ
Max
Unit
RθJC
Thermal Resistance Junction to Case
1.5
°C/W
RθJHS
Thermal Resistance Junction to Heat Sink
2.5
T
JSTG
Storage Temperature
-55 to 150
°C
P
DJHS
Maximum Power Dissipation @ T
SINK = 25°C
60
W
P
DJC
Total Power Dissipation @ T
C = 25°C
100
Driver Thermal Characteristics



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com