Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST6080 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # FST6080
Description  Schottky Powermod
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

FST6080 Datasheet(HTML) 1 Page - Microsemi Corporation

  FST6080 Datasheet HTML 1Page - Microsemi Corporation FST6080 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ROHS Compliant
Schottky Powermod
Pins: Nickel plated copper
Baseplate: Nickel plated copper;
Repetitive Peak
Reverse Voltage
FST6080 - FST60100
*Add the Suffix A for Common Anode, D for Doubler
60 Amps
120 Amps
2 Amps
.68 Volts
2 mA
30 mA
1500 pF
.86 Volts
1200 Amps
*Pulse test: Pulse width 300µsec, Duty cycle 2%
Thermal and Mechanical Characteristics
Electrical Characteristics
JC
R O
Maximum thermal resistance per pkg
Mounting torque
Typical thermal resistance (greased)
Weight
R CS
O
Average forward current per leg
Max peak reverse current per leg
Max peak forward voltage per leg
Max repetitive peak reverse current per leg
Typical junction capacitance per leg
Max peak reverse current per leg
Max peak forward voltage per leg
Maximum surge current per leg
Average forward current per pkg
Maximum thermal resistance per leg
Operating junction temp range
Storage temp range
IRM
T
R
T
STG
JC
O
J
RM
C
I
J
IF(AV)
R(OV)
F(AV)
I
V
V
I
I
FM
FM
FSM
C
H
80V
90V
100V
Working Peak
Reverse Voltage
FST60100*
FST6090*
FST6080*
Catalog Number
Microsemi
1.200
F
G
9 Pins eq at .150
J
electrically isolated
80V
90V
100V
Notes:
K
A
E
N 4-PLCS.
C = 130°C, Square wave,
0JC = 1.0°C/W
C = 130°C, Square wave,
0JC = 0.6°C/W
0.6°C/W
Junction to case
Case to sink
15 - 20 inch pounds maximum
2.5 ounces (71 grams) typical
0.1°C/W
T
FM = 60A:
J = 25°C
FM = 60A:
J = 175°C
RRM,
J = 25°C
R = 5.0V,
J = 25°C
RRM,
J = 125°C
f = 1 KHz, 25°C, 1µsec Square wave
8.3 ms, half sine
J = 175°C
-55°C to 175°C
-55°C to 175°C
Junction to case
T
V
1.0°C/W
V
V
T
T
I
I
T
*
T
T
*
*
T
R
R
Minimum Maximum Minimum Maximum Notes
to Lead C
Square
50.93
50.67
2.005
A
1.995
0.506
2.410
1.510
0.400
0.510
0.260
0.130
0.195
0.052
1.010
P
N
L
M
K
M
F
H
J
G
E
C
0.490
0.240
0.040
0.032
0.175
0.495
2.390
1.490
0.120
---
0.990
12.57
60.71
---
12.45
6.10
3.05
37.85
1.02
4.45
0.81
25.15
.050
6.60
12.95
4.95
1.32
1.27
12.83
61.21
38.35
10.16
3.30
25.65
Dim. Inches
Millimeter
Dia
L
P
L
D=Doubler
A=Common Anode
Common Cathode
1
2
1
2
1
2
3
3
3
1
2
3
Electrically isolated baseplate
V
Guard ring for reverse protection
Schottky barrier rectifier
RRM - 80 to 100 Volts
High surge capacity
Reverse energy tested
January, 2010 - Rev. 4
www.microsemi.com


Similar Part No. - FST6080

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
FST6080 MICROSEMI-FST6080 Datasheet
133Kb / 2P
Schottky PowerMod
More results

Similar Description - FST6080

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
CPT12035 MICROSEMI-CPT12035 Datasheet
148Kb / 2P
Schottky PowerMod
CPT20230 MICROSEMI-CPT20230 Datasheet
145Kb / 2P
Schottky PowerMod
CPT40080 MICROSEMI-CPT40080 Datasheet
149Kb / 2P
Schottky PowerMod
FST19235 MICROSEMI-FST19235 Datasheet
151Kb / 2P
Schottky PowerMod
CPT60035 MICROSEMI-CPT60035 Datasheet
160Kb / 2P
SCHOTTKY POWERMOD
CPT40030 MICROSEMI-CPT40030 Datasheet
171Kb / 2P
Schottky PowerMod
CPT600180 MICROSEMI-CPT600180 Datasheet
159Kb / 2P
SCHOTTKY POWERMOD
CPT20035 MICROSEMI-CPT20035_10 Datasheet
122Kb / 2P
Schottky PowerMod
CPT30060 MICROSEMI-CPT30060_10 Datasheet
123Kb / 2P
Schottky PowerMod
FST15230 MICROSEMI-FST15230_10 Datasheet
120Kb / 2P
Schottky PowerMod
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com