Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST6140 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # FST6140
Description  Schottky MiniMod
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

FST6140 Datasheet(HTML) 1 Page - Microsemi Corporation

  FST6140 Datasheet HTML 1Page - Microsemi Corporation FST6140 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ROHS Compliant
*Add the Suffix A for Common Anode, D for Doubler
Electrical Characteristics
FM 0.50 Volts
FM 0.42 Volts
F(AV) 30 Amps
F(AV) 60 Amps
*Pulse test: Pulse width 300µsec, Duty cycle 2%
J
2100 pF
RM
500 mA
R(OV)
2 Amps
FSM 800 Amps
RM 3.0 mA
Thermal and Mechanical Characteristics
FST6130 - FST6145
Schottky MiniMod
0JC
Max thermal resistance per leg
Mounting Base Torque
Typical thermal resistance (greased)
Weight
Max thermal resistance per pkg
0CS
0JC
R
R
Typical junction capacitance per leg
Max peak reverse current per leg
Max peak forward voltage per leg
Max peak forward voltage per leg
Max repetitive peak reverse current per leg
Maximum surge current per leg
Average forward current per leg
Average forward current per pkg
Max reverse current per leg
Operating junction temp range
Storage temp range
STG
J
T
R
T
C
I
V
V
I
I
I
I
I
FST6145*
FST6140*
FST6135*
FST6130*
Microsemi
Catalog Number
Working
Peak Reverse
Voltage
40V
45V
35V
30V
C = 115°C, Square wave,
0JC = 1.0°C/W
C = 115°C, Square wave,
0JC = 0.5°C/W
1.0°C/W
Case to sink
10 inch pounds maximum
0.3 ounce (8.4 grams) typical
Junction to case
0.5°C/W
0.3°C/W
FM = 30A:
J = 25°C*
FM = 30A:
J = 150°C*
T
R = 5.0V,
C = 25°C
RRM,
J = 25°C
RRM,
J = 125°C*
f = 1 KHZ, 25°C, 1µsec square wave
8.3 ms, half sine,
J = 150°C
Junction to case
-55°C to 150°C
-55°C to 175°C
V
V
T
I
V
I
T
T
T
T
T
T
R
R
Voltage
Peak Reverse
Repetitive
40V
45V
35V
30V
D=Doubler
A=Common Anode
Common Cathode
3 PINS eq sp at .200
N 2-PLCS.
Note: Baseplate Common with Pin 2
C
K
G
M
H
L
J
1
2
1
2
P
A
1
2
F
3
E
1
2
Dia.
Notes
9.40
8.89
.350
E
.370
1.510
.715
.098
.260
.135
.480
.161
.025
.046
3
N
P
M
L
3
H
J
K
G
F
.151
.015
.460
.034
.088
.240
.115
1.490
.695
3.84
0.38
11.68
0.86
2.24
6.10
2.92
37.85
17.65
12.19
4.09
0.64
1.17
38.35
18.16
2.49
6.60
3.43
Maximum
1.195
.035
Dim. Inches
3
C
A
Minimum
1.180
.025
Millimeter
Minimum
29.97
0.64
Maximum
30.35
0.89
Part Number
60CNQ045
60CNQ040
60CNQ035
Industry
Reverse Energy Tested
Schottky Barrier Rectifier
Guard Ring Protection
Low Forward Voltage
2X30 Amperes avg.
150 C Junction Temperature
January, 2010 - Rev. 3
www.microsemi.com


Similar Part No. - FST6140

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
FST6140 MICROSEMI-FST6140 Datasheet
141Kb / 2P
Schottky MiniMod
More results

Similar Description - FST6140

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
FST8035 MICROSEMI-FST8035 Datasheet
142Kb / 2P
Schottky MiniMod
FST8080 MICROSEMI-FST8080 Datasheet
140Kb / 2P
Schottky MiniMod
FST8130 MICROSEMI-FST8130 Datasheet
142Kb / 2P
Schottky MiniMod
FST8230SM MICROSEMI-FST8230SM Datasheet
129Kb / 2P
Schottky MiniMod
FST6450 MICROSEMI-FST6450 Datasheet
143Kb / 2P
Schottky MiniMod
FST6230 MICROSEMI-FST6230_10 Datasheet
130Kb / 2P
Schottky MiniMod
FST6435 MICROSEMI-FST6435_10 Datasheet
119Kb / 2P
Schottky MiniMod
FST8130 MICROSEMI-FST8130_10 Datasheet
121Kb / 2P
Schottky MiniMod
FST8230 MICROSEMI-FST8230_10 Datasheet
119Kb / 2P
Schottky MiniMod
FST8230SM MICROSEMI-FST8230SM_10 Datasheet
123Kb / 2P
Schottky MiniMod
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com