Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP117 Datasheet(PDF) 1 Page - Seme LAB

Part # IP117
Description  1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR FOR HI-REL APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP117 Datasheet(HTML) 1 Page - Seme LAB

  IP117 Datasheet HTML 1Page - Seme LAB IP117 Datasheet HTML 2Page - Seme LAB IP117 Datasheet HTML 3Page - Seme LAB IP117 Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Pin 1 – ADJ.
Pin 2 – VOUT
Pin 3 – VIN
SMD1
CERAMIC SURFACE
MOUNT
Pin 1 – ADJ.
Pin 2 – VOUT
Pin 3 – VIN
Case – VOUT
G Package – TO257
Pin 1 – ADJ.
Pin 2 – VIN
Case – VOUT
K Package – TO3
Pin 1 – ADJ.
Pin 2 – VIN
Case – VOUT
R Package – TO66
Prelim. 8/00
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
IP117, IP117A
IP317, IP317A
LM117, LM117A
1.5 AMP
POSITIVE ADJUSTABLE
VOLTAGE REGULATOR
FOR HI-REL APPLICATIONS
40V
60V
Internally limited
Internally limited
See Table Above
–65 to 150°C
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
FEATURES
• Output voltage range of:
1.25 to 40V for standard version
1.25 to 60V for HV version
• Output voltage tolerance 1%
• Load regulation 0.3%
• Line regulation 0.01%/V
• Complete series of protections:
current limiting
thermal shutdown
soa control
• Also available in TO220 metal
isolated package (1mm pins)
12
3
3
12
Pin 1 – ADJ.
Pin 2 – VOUT
Pin 3 – VIN
T Package – TO220 Plastic
123
1 23
Pin 1 – ADJ.
Pin 2 – VOUT
Pin 3 – VIN
Case – Isolated
IG Package – TO257
Pin 1 – ADJ.
Pin 2 – VOUT
Pin 3 – VIN
SMD05
CERAMIC SURFACE
MOUNT
1 23

!
VI–O
Input - Output Differential Voltage
– Standard
– HV Series
IO
Output Current
PD
Power Dissipation
TJ
Operating Junction Temperature Range
TSTG
Storage Temperature
!


Similar Part No. - IP117

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP117AG SEME-LAB-IP117AG Datasheet
805Kb / 5P
POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
TT Electronics.
IP117AG TTELEC-IP117AG Datasheet
805Kb / 5P
POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Seme LAB
IP117AHVG SEME-LAB-IP117AHVG Datasheet
805Kb / 5P
POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
TT Electronics.
IP117AHVG TTELEC-IP117AHVG Datasheet
805Kb / 5P
POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Seme LAB
IP117AHVIG SEME-LAB-IP117AHVIG Datasheet
805Kb / 5P
POSITIVE ADJUSTABLE VOLTAGE REGULATOR
More results

Similar Description - IP117

ManufacturerPart #DatasheetDescription
logo
Seme LAB
LT1085LCC4 SEME-LAB-LT1085LCC4 Datasheet
36Kb / 2P
CERAMIC SURFACE MOUNT LOW DROPOUT POSITIVE ADJUSTABLE VOLTAGE REGULATOR FOR HI-REL APPLICATIONS
logo
List of Unclassifed Man...
OM7620ST ETC1-OM7620ST Datasheet
37Kb / 4P
1.5 AMP HIGH VOLTAGE POSITIVE ADJUSTABLE REGULATOR
OM7646SM ETC1-OM7646SM Datasheet
26Kb / 2P
SURFACE MOUNT POSITIVE ADJUSTABLE 1.5 AMP VOLTAGE REGULATOR
logo
Sensitron
SHD526050 SENSITRON-SHD526050 Datasheet
43Kb / 2P
POSITIVE ADJUSTABLE 1.5 AMP REGULATOR
logo
Solid States Devices, I...
SVR117AHV SSDI-SVR117AHV Datasheet
47Kb / 2P
1.5 Amp / 60 Volts POSITIVE ADJUSTABLE LINEAR VOLTAGE REGULATOR
SVR117A SSDI-SVR117A Datasheet
66Kb / 2P
1.5 Amp / 40 Volts POSITIVE ADJUSTABLE LINEAR VOLTAGE REGULATOR
logo
List of Unclassifed Man...
SHD526030 ETC2-SHD526030 Datasheet
64Kb / 3P
POSITIVE ADJUSTABLE 1.5 AMP REGULATOR
logo
Sensitron
OM1321ST SENSITRON-OM1321ST Datasheet
70Kb / 3P
POSITIVE ADJUSTABLE 1.5 AMP REGULATOR
SHD519030 SENSITRON-SHD519030 Datasheet
48Kb / 2P
POSITIVE ADJUSTABLE 1.5 AMP REGULATOR
SHD526030 SENSITRON-SHD526030 Datasheet
69Kb / 3P
POSITIVE ADJUSTABLE 1.5 AMP REGULATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com