Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST6445 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # FST6445
Description  Schottky MiniMod
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

FST6445 Datasheet(HTML) 1 Page - Microsemi Corporation

  FST6445 Datasheet HTML 1Page - Microsemi Corporation FST6445 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ROHS Compliant
*Pulse test: Pulse width 300µsec, Duty cycle 2%
Thermal and Mechanical Characteristics
Electrical Characteristics
J
1900 pF
RM
2 mA
F(AV) 60 Amps
FM 0.65 Volts
FM 0.46 Volts
F(AV) 30 Amps
R(OV)
2 Amps
FSM 800 Amps
RM
45 mA
Schottky MiniMod
FST6435 - FST6450
*Add the Suffix A for Common Anode, D for Doubler
0JC
Max thermal resistance per leg
Typical thermal resistance (greased)
Mounting Base Torque
Weight
Max thermal resistance per pkg
0JC
0CS
R
R
Operating junction temp range
Typical junction capacitance per leg
Max reverse current per leg
Max peak forward voltage per leg
Max peak forward voltage per leg
Max repetitive peak reverse current per leg
Maximum surge current per leg
Average forward current per leg
Average forward current per pkg
Max peak reverse current per leg
Storage temp range
STG
J
T
R
T
C
I
V
V
I
I
I
I
I
FST6435*
FST6440*
FST6445*
Microsemi
Catalog Number
Working
Peak Reverse
Voltage
45V
40V
35V
1.0°C/W
10 inch pounds maximum
0.3 ounce (8.4 grams) typical
Case to sink
Junction to case
0.5°C/W
0.3°C/W
R = 5.0V,
C = 25°C
RRM,
J = 25°C
Junction to case
T
FM = 30A:
J = 25°C*
FM = 30A:
J = 175°C*
RRM,
J = 125°C*
f = 1 KHZ, 25°C, 1µsec square wave
8.3 ms, half sine,
J = 175°C
-55°C to 175°C
-55°C to 175°C
V
V
T
I
V
I
T
T
T
T
T
T
R
R
Peak Reverse
Repetitive
Voltage
45V
40V
35V
D=Doubler
A=Common Anode
Common Cathode
3 PINS eq sp at .200
N 2-PLCS.
Note: Baseplate Common with Pin 2
C
K
G
M
H
L
J
1
2
1
2
P
A
1
2
F
3
E
1
2
Dia.
Notes
9.40
8.89
.350
E
.370
1.510
.715
.098
.260
.135
.480
.161
.025
.046
3
N
P
M
L
3
H
J
K
G
F
.151
.015
.460
.034
.088
.240
.115
1.490
.695
3.84
0.38
11.68
0.86
2.24
6.10
2.92
37.85
17.65
12.19
4.09
0.64
1.17
38.35
18.16
2.49
6.60
3.43
Maximum
1.195
.035
Dim. Inches
3
C
A
Minimum
1.180
.025
Millimeter
Minimum
29.97
0.64
Maximum
30.35
0.89
Part Number
61CNQ035
61CNQ040
61CNQ045
Industry
FST6450*
50V
50V
Reverse Energy Tested
RRM
Schottky Barrier Rectifier
Guard Ring Protection
V
- 35 to 50 Volts
2X30 Amperes avg.
175°C Junction Temperature
C = 156°C, Square wave,
0JC = 1.0°C/W
C = 156°C, Square wave,
0JC = 0.5°C/W
January, 2010 - Rev. 3
www.microsemi.com


Similar Part No. - FST6445

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
FST6445 MICROSEMI-FST6445 Datasheet
140Kb / 2P
Schottky MiniMod
More results

Similar Description - FST6445

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
FST6130 MICROSEMI-FST6130 Datasheet
141Kb / 2P
Schottky MiniMod
FST8035 MICROSEMI-FST8035 Datasheet
142Kb / 2P
Schottky MiniMod
FST8080 MICROSEMI-FST8080 Datasheet
140Kb / 2P
Schottky MiniMod
FST8130 MICROSEMI-FST8130 Datasheet
142Kb / 2P
Schottky MiniMod
FST8230SM MICROSEMI-FST8230SM Datasheet
129Kb / 2P
Schottky MiniMod
FST6450 MICROSEMI-FST6450 Datasheet
143Kb / 2P
Schottky MiniMod
FST6230 MICROSEMI-FST6230_10 Datasheet
130Kb / 2P
Schottky MiniMod
FST8130 MICROSEMI-FST8130_10 Datasheet
121Kb / 2P
Schottky MiniMod
FST8230 MICROSEMI-FST8230_10 Datasheet
119Kb / 2P
Schottky MiniMod
FST8230SM MICROSEMI-FST8230SM_10 Datasheet
123Kb / 2P
Schottky MiniMod
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com