Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST8090 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # FST8090
Description  Schottky MiniMod
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

FST8090 Datasheet(HTML) 1 Page - Microsemi Corporation

  FST8090 Datasheet HTML 1Page - Microsemi Corporation FST8090 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ROHS Compliant
FST8080 - FST80100
Junction to case
Case to sink
-55°C to 175°C
-55°C to 175°C
10 inch pounds maximum
Mount base torque
Weight
0.3 ounce (8.4 grams) typical
0.5°C/W
0.3°C/W
1.0°C/W
0JC
0CS
R
R
Storage temp range
Operating junction temp range
Max thermal resistance per leg
Max thermal resistance per pkg
Typical thermal resistance (greased)
STG
J
T
T
*Pulse test: Pulse width 300µsec, Duty cycle 2%
T
T
T
T
T
T
I
I
V
V
V
T
T
R = 5.0V,
C = 25°C
RRM,
J = 25°C
RRM,
J = 125°C*
FM = 40A:
J = 25°C*
FM = 40A:
J = 175°C*
f = 1 KHZ, 25°C, 1µsec square wave
8.3 ms, half sine,
J = 175°C
C = 143°C, square wave,
0JC = 1.0°C/W
C = 143°C, square wave,
0JC = 0.5°C/W
C
I
I
V
V
I
I
I
I
RM
2 mA
J
1450 pF
RM 50 mA
FM 0.82 Volts
FM 0.62 Volts
R(OV)
2 Amps
FSM 800 Amps
F(AV) 40 Amps
F(AV) 80 Amps
Typical junction capacitance per leg
Max peak reverse current per leg
Max peak reverse current per leg
Max peak forward voltage per leg
Max peak forward voltage per leg
Max repetitive peak reverse current per leg
Maximum surge current per leg
Average forward current per leg
Average forward current per pkg
Microsemi
Catalog Number
Working
Peak Reverse
Voltage
90V
100V
100V
90V
Voltage
Peak Reverse
Repetitive
Electrical Characteristics
Thermal and Mechanical Characteristics
FST80100*
FST8090*
Schottky MiniMod
*Add the Suffix A for Common Anode, D for Doubler
R
R
Junction to case
R0JC
FST8080*
80V
80V
Common Cathode
A=Common Anode
D=Doubler
N 2-PLCS
L
Note: Baseplate Common with Pin 2
3 PINS eq sp at .200
K
C
G
M
H
J
1
2
1
2
P
A
1
2
F
3
E
1
2
Notes
Dia.
9.40
8.89
.350
E
.370
.025
.161
.085
.480
.135
.260
.098
.715
1.510
3
N
P
M
L
3
H
J
K
G
F
.151
.015
.460
.065
.088
.240
.115
1.490
.695
3.84
0.38
11.68
1.65
2.24
6.10
2.92
37.85
17.65
12.19
4.09
0.64
2.16
18.16
38.35
2.49
6.60
3.43
1.195
Maximum
.037
Dim. Inches
3
C
A
Minimum
1.180
.027
Minimum
Millimeter
29.97
0.69
30.35
Maximum
0.94
Industry
Part Number
83CNQ100, A
83CNQ080, A
RRM 80 to 100 volts
V
Reverse energy tested
Schottky Barrier Rectifier
Guard ring protection
2X40 Amperes avg.
175°C junction temperature
January, 2010 - Rev. 5
www.microsemi.com


Similar Part No. - FST8090

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
FST8090 MICROSEMI-FST8090 Datasheet
140Kb / 2P
Schottky MiniMod
More results

Similar Description - FST8090

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
FST8035 MICROSEMI-FST8035 Datasheet
142Kb / 2P
Schottky MiniMod
FST8080 MICROSEMI-FST8080 Datasheet
140Kb / 2P
Schottky MiniMod
FST8130 MICROSEMI-FST8130 Datasheet
142Kb / 2P
Schottky MiniMod
FST8230SM MICROSEMI-FST8230SM Datasheet
129Kb / 2P
Schottky MiniMod
FST6450 MICROSEMI-FST6450 Datasheet
143Kb / 2P
Schottky MiniMod
FST6230 MICROSEMI-FST6230_10 Datasheet
130Kb / 2P
Schottky MiniMod
FST6435 MICROSEMI-FST6435_10 Datasheet
119Kb / 2P
Schottky MiniMod
FST8130 MICROSEMI-FST8130_10 Datasheet
121Kb / 2P
Schottky MiniMod
FST8230 MICROSEMI-FST8230_10 Datasheet
119Kb / 2P
Schottky MiniMod
FST8230SM MICROSEMI-FST8230SM_10 Datasheet
123Kb / 2P
Schottky MiniMod
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com