Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST8050SM2 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # FST8050SM2
Description  Schottky Power Surface Mount
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

FST8050SM2 Datasheet(HTML) 1 Page - Microsemi Corporation

  FST8050SM2 Datasheet HTML 1Page - Microsemi Corporation FST8050SM2 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ROHS Compliant
Electrical Characteristics
Thermal and Mechanical Characteristics
.015
.025
0.38
0.64
.085
.065
2.16
1.65
.260
.240
6.60
6.10
.098
.088
2.49
2.24
.370
.350
9.40
8.89
.110
.120
.100
2.54
2.79
3.04
D
Millimeter
Notes
Maximum
Minimum
Maximum
Minimum
29.97
30.35
1.180
1.195
E
F
G
H
J
K
L
Dim. Inches
26.12
26.42
1.020
1.040
.695
.715
17.65
18.16
Schottky Power Surface Mount
.110
2.79
FST80SM1-SM6 Series
35V
40V
45V
45V
40V
35V
M
1.490
1.510
37.85
38.35
N
.695
.715
17.65
18.16
.027
.037
0.69
0.94
Microsemi Catalog
Catalog Number
Working Peak
Reverse Voltage
Repetitive Peak
Reverse Voltage
3
2
1
M
3 PINS eq sp at .200
G
C
H
J
N
E
3
2
1
L
3
2
1
F
A1
A2
A3
SM1 & SM2
SM3 & SM4
SM5 & SM6
B
D
A1
A2
A3
B
C
.151
.161
3.84
4.09
FOR SM2, SM4, & SM6
Dia.
TYP. PIN CONFIGURATION
D
B
TYP. PIN CONFIGURATION
FOR SM1, SM3, & SM5
K
T
T
J
STG
Typical thermal resistance (greased)
Max thermal resistance per pkg.
Max thermal resistance per leg
Operating junction temp range
Storage temp range
ROJC
1.0°C/W
0.5°C/W
0.3 ounce (8.4 grams) typical
Weight
Mounting Base Torque
-55°C to 175°C
-55°C to 175°C
Case to sink
*Pulse test: Pulse width 300µsec, Duty cycle 2%
Average forward current per pkg
Average forward current per leg
Maximum surge current per leg
Max repetitive peak reverse current per leg
Max peak forward voltage per leg
Max peak forward voltage per leg
Max peak reverse current per leg
Typical junction capacitance per leg
F(AV) 80 Amps
F(AV) 40 Amps
FSM 800 Amps
R(OV)
2 Amps
FM 0.49 volts
FM 0.68 volts
RM 50 mA
J
1900 pF
RM 2.0 mA
I
I
I
I
V
V
I
I
C
C = 145°C, Square wave,
0JC = 0.5°C/W
C = 145°C, Square wave,
0JC = 1.0°C/W
8.3 ms, half sine,
J = 175°C
f = 1 KHZ, 25°C, 1µsec square wave
FM = 40A:
J = 175°C*
FM = 40A:
J = 25°C*
RRM,
C = 125°C*
RRM,
J = 25°C
R = 5.0V,
C = 25°C
R
R
V
V
V
I
I
T
T
T
T
T
T
.230
.250
5.84
6.35
2 Specify C-Common Cathode, A-Common Anode, D-Doubler
10 inch pounds maximum (SM1, 2)
SM1-2
SM3-4
ounce (
grams) typical
ounce (
grams) typical
Note: 1 Specify (1-6) to identify package desired
FST8035SM _ _
FST8040SM _ _
FST8045SM _ _
1 2
6.7
5.2
0.24
0.18
SM5-6
T
T
OJC
R
Junction to case
Junction to case
0.3°C/W
OCS
R
Note: Baseplate Common with Pin 2
2-PLCS.
D=Doubler
A=Common Anode
Common Cathode
1
2
1
2
1
2
3
3
3
Max peak reverse current per leg
Industry
Part Number
81CNQ035ASL
81CNQ040ASL
81CNQ045ASL
81CNQ035ASM
81CNQ040ASM
81CNQ045ASM
FST8050SM _ _
50V
50V
Reverse Energy Tested
V
175°C Junction Temperature
2 X 40 Amperes Avg.
RRM - 35 to 50 Volts
Guard Ring Protection
Schottky Barrier Rectifier
January, 2010 - Rev. 2
www.microsemi.com


Similar Part No. - FST8050SM2

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
FST8050 MICROSEMI-FST8050 Datasheet
142Kb / 2P
Schottky MiniMod
FST8050 MICROSEMI-FST8050 Datasheet
121Kb / 2P
Schottky MiniMod
More results

Similar Description - FST8050SM2

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
FST81SM1 MICROSEMI-FST81SM1 Datasheet
159Kb / 2P
Schottky Power Surface Mount
logo
ON Semiconductor
MBRS2040LT3 ONSEMI-MBRS2040LT3 Datasheet
96Kb / 6P
Surface Mount Schottky Power Rectifier
December, 2003 ??Rev. 3
MBRA340T3 ONSEMI-MBRA340T3_06 Datasheet
54Kb / 5P
Surface Mount Schottky Power Rectifier SMA Power Surface Mount Package
October, 2006 ??Rev. 4
logo
Microsemi Corporation
FST80150SM1 MICROSEMI-FST80150SM1 Datasheet
159Kb / 2P
Schottky Power SURFACE MOUNT
logo
ON Semiconductor
MBRA1H100T3G ONSEMI-MBRA1H100T3G Datasheet
122Kb / 5P
Surface Mount Schottky Power Rectifier SMA Power Surface Mount Package
January, 2012 ??Rev. 2
MBRS1540T3 ONSEMI-MBRS1540T3 Datasheet
70Kb / 5P
Surface Mount Schottky Power Rectifier SMB Power Surface Mount Package
August, 2005 ??Rev. 3
logo
Microsemi Corporation
FST80150SM1 MICROSEMI-FST80150SM1_10 Datasheet
125Kb / 2P
Schottky Power Surface Mount
FST81SM1 MICROSEMI-FST81SM1_10 Datasheet
124Kb / 2P
Schottky Power Surface Mount
logo
ON Semiconductor
MBRA1H100 ONSEMI-MBRA1H100 Datasheet
251Kb / 6P
Surface Mount Schottky Power Rectifier SMA Power Surface Mount Package
December, 2019 ??Rev. 4
MBRA140 ONSEMI-MBRA140_V01 Datasheet
301Kb / 6P
Surface Mount Schottky Power Rectifier SMA Power Surface Mount Package
February, 2020 - Rev. 12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com