Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST8040 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # FST8040
Description  Schottky MiniMod
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

FST8040 Datasheet(HTML) 1 Page - Microsemi Corporation

  FST8040 Datasheet HTML 1Page - Microsemi Corporation FST8040 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ROHS Compliant
FM 0.68 Volts
FM 0.49 Volts
RM
2 mA
J
1900 pF
RM
50 mA
*Add the Suffix A for Common Anode, D for Doubler
Schottky MiniMod
Thermal and Mechanical Characteristics
Electrical Characteristics
F(AV) 80 Amps
F(AV) 40 Amps
FSM 800 Amps
R(OV)
2 Amps
*Pulse test: Pulse width 300µsec, Duty cycle 2%
FST8035 - FST8050
Max thermal resistance per leg
0JC
Typical thermal resistance (greased)
Mounting Base Torque
Max thermal resistance per pkg
Weight
0JC
0CS
R
R
Average forward current per pkg
Average forward current per leg
Maximum surge current per leg
Max repetitive peak reverse current per leg
Max peak forward voltage per leg
Max peak forward voltage per leg
Max peak reverse current per leg
Max peak reverse current per leg
Typical junction capacitance per leg
Operating junction temp range
Storage temp range
STG
TJ
R
T
C
I
V
V
I
I
I
I
I
N 2-PLCS
FST8050*
FST8045*
FST8040*
FST8035*
Catalog Number
Microsemi
C
3 PINS eq sp at .200
K
M
Voltage
Peak Reverse
Working
45V
50V
35V
40V
H
G
J
L
P
1
2
A
F
3
E
C = 145°C, Square wave,
0JC = 1.0°C/W
C = 145°C, Square wave,
0JC = 0.5°C/W
1.0°C/W
Junction to case
0.3 ounce (8.4 grams) typical
10 inch pounds maximum
Case to sink
0.3°C/W
0.5°C/W
FM = 40A:
J = 175°C*
8.3 ms, half sine,
J = 175°C
f = 1 KHZ, 25°C, 1µsec square wave
FM = 40A:
J = 25°C*
RRM,
J = 125°C*
RRM,
J = 25°C
R = 5.0V,
C = 25°C
T
Junction to case
-55°C to 175°C
-55°C to 175°C
V
V
T
I
V
I
T
T
T
T
T
T
R
R
Dia.
Notes
C
0.69
0.94
.027
.037
.370
1.510
.715
.098
.260
.135
.480
.085
.161
.025
Repetitive
Peak Reverse
Voltage
45V
50V
35V
40V
M
P
N
L
K
G
H
J
F
E
.065
.151
.015
.115
.460
.695
.088
.240
.350
1.490
1.65
3.84
0.38
2.92
11.68
17.65
2.24
6.10
8.89
37.85
12.19
2.16
4.09
0.64
3.43
38.35
18.16
2.49
6.60
9.40
Maximum
1.195
Dim. Inches
A
Minimum
1.180
Millimeter
Minimum
29.97
Maximum
30.35
D=Doubler
A=Common Anode
Common Cathode
1
2
1
2
1
2
3
3
3
Note: Baseplate Common with Pin 2
Part Number
81CNQ045, A
81CNQ040, A
81CNQ035, A
Industry
Guard Ring Protection
RRM
2X40 Amperes avg.
Schottky Barrier Rectifier
Reverse Energy Tested
V
- 35 to 50 Volts
175°C Junction Temperature
January, 2010 - Rev. 4
www.microsemi.com


Similar Part No. - FST8040

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FST8040 MCC-FST8040 Datasheet
87Kb / 3P
80 Amp Rectifier 20 to 45 Volts Schottky Barrier
logo
Microsemi Corporation
FST8040 MICROSEMI-FST8040 Datasheet
142Kb / 2P
Schottky MiniMod
FST8040SM1 MICROSEMI-FST8040SM1 Datasheet
124Kb / 2P
Schottky Power Surface Mount
FST8040SM2 MICROSEMI-FST8040SM2 Datasheet
124Kb / 2P
Schottky Power Surface Mount
FST8040SM3 MICROSEMI-FST8040SM3 Datasheet
124Kb / 2P
Schottky Power Surface Mount
More results

Similar Description - FST8040

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
FST8035 MICROSEMI-FST8035 Datasheet
142Kb / 2P
Schottky MiniMod
FST8080 MICROSEMI-FST8080 Datasheet
140Kb / 2P
Schottky MiniMod
FST8130 MICROSEMI-FST8130 Datasheet
142Kb / 2P
Schottky MiniMod
FST8230SM MICROSEMI-FST8230SM Datasheet
129Kb / 2P
Schottky MiniMod
FST6450 MICROSEMI-FST6450 Datasheet
143Kb / 2P
Schottky MiniMod
FST6230 MICROSEMI-FST6230_10 Datasheet
130Kb / 2P
Schottky MiniMod
FST6435 MICROSEMI-FST6435_10 Datasheet
119Kb / 2P
Schottky MiniMod
FST8130 MICROSEMI-FST8130_10 Datasheet
121Kb / 2P
Schottky MiniMod
FST8230 MICROSEMI-FST8230_10 Datasheet
119Kb / 2P
Schottky MiniMod
FST8230SM MICROSEMI-FST8230SM_10 Datasheet
123Kb / 2P
Schottky MiniMod
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com