Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST8515 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # FST8515
Description  80 Amp Schottky ORing Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

FST8515 Datasheet(HTML) 1 Page - Microsemi Corporation

  FST8515 Datasheet HTML 1Page - Microsemi Corporation FST8515 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ROHS Compliant
80 Amp Schottky OR'ing Rectifier
Electrical Characteristics
F(AV) 80 Amps
F(AV) 80 Amps
FSM 800 Amps
R(OV)
2 Amps
FM 0.35 Volts
FM 0.28 Volts
J
5600 pF
RM 1500 mA
Thermal and Mechanical Characteristics
*Pulse test: Pulse width 300µsec, Duty cycle 2%
FST8515
R
Mounting Base Torque
Typical thermal resistance (greased)
Weight
0CS
Average forward current per pkg
Average forward current per pkg
Maximum surge current per leg
Max repetitive peak reverse current
Max peak forward voltage per leg
Max peak forward voltage per leg
Max peak reverse current per leg
Max peak reverse current per leg
Typical junction capacitance per leg
Max thermal resistance per leg
Max thermal resistance per pkg
Operating junction temp range
Storage temp range
0JC
0JC
R
R
J
T
STG
T
C
I
V
V
I
I
I
I
Catalog Number
Microsemi
FST8515*
Reverse Voltage
Working Peak
15V
C = 84°C,
R = 5V
Case to sink
10 inch pounds maximum
0.3 ounce (8.4 grams) typical
0.3°C/W
8.3 ms, half sine,
J = 100°C
f = 1 KHZ, 25°C, 1µsec square wave
FM = 40A:
J = 25°C*
FM = 40A:
J = 100°C
R = 5V,
J = 100°C*
RRM,
J = 100°C*
R = 5.0V,
J = 25°C
T
Junction to case
Junction to case
1.0°C/W
0.5°C/W
-55°C to 150°C
-55°C to 125°C
V
V
T
I
V
I
T
T
T
T
T
*
V
Repetitive Peak
Reverse Voltage
15V
Common Cathode
A=Common Anode
D=Doubler
N 2-PLCS
L
Note: Baseplate Common with Pin 2
3 PINS eq sp at .200
K
C
G
M
H
J
1
2
1
2
P
A
1
2
F
3
E
1
2
Notes
Dia.
9.40
8.89
.350
E
.370
.025
.161
.085
.480
.135
.260
.098
.715
1.510
3
N
P
M
L
3
H
J
K
G
F
.151
.015
.460
.065
.088
.240
.115
1.490
.695
3.84
0.38
11.68
1.65
2.24
6.10
2.92
37.85
17.65
12.19
4.09
0.64
2.16
18.16
38.35
2.49
6.60
3.43
1.195
Maximum
.037
Dim. Inches
3
C
A
Minimum
1.180
.027
Minimum
Millimeter
29.97
0.69
30.35
Maximum
0.94
*Add the Suffix A for Common Anode, D for Doubler
Part Number
Industry
85CNQ015, A
Max peak reverse current per leg
Max peak reverse current per leg
RM 12 mA
RM 20 mA
I
I
RRM,
J = 25°C
V
T
Average forward current per leg
Average forward current per leg
F(AV) 40 Amps
F(AV) 40 Amps
I
V
C = 78°C,
R = 15V
T
C = 84°C,
R = 5V
V
T
V
C = 78°C,
R = 15V
T
R = 5V,
J = 25°C
V
T
RM 750 mA
I
I
125°C Operation (Vr<5V)
Optimized for OR'ing applications
Schottky Barrier Rectifier
Guard ring reverse protection
0.28V Vf@40A per leg, 100°C
January, 2010 - Rev. 3
www.microsemi.com


Similar Part No. - FST8515

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
FST8515 MICROSEMI-FST8515 Datasheet
143Kb / 2P
80 Amp Schottky OR,ing Rectifier
More results

Similar Description - FST8515

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LSM315 MICROSEMI-LSM315 Datasheet
101Kb / 2P
3 AMP SCHOTTKY ORING RECTIFIER
FST84100 MICROSEMI-FST84100 Datasheet
131Kb / 2P
80 AMP SCHOTTKY RECTIFIER
logo
International Rectifier
82CNQ030 IRF-82CNQ030 Datasheet
127Kb / 6P
SCHOTTKY RECTIFIER 80 Amp
logo
Microsemi Corporation
HS12510 MICROSEMI-HS12510 Datasheet
144Kb / 2P
120 Amp Schottky ORing Rectifier
MS2015 MICROSEMI-MS2015 Datasheet
136Kb / 2P
20 Amp Schottky ORing Rectifier
FST84120 MICROSEMI-FST84120 Datasheet
148Kb / 2P
80 AMP SCHOTTKY RECTIFIER
LSM615 MICROSEMI-LSM615 Datasheet
104Kb / 2P
6 Amp Schottky ORING Rectifier
HS12510 MICROSEMI-HS12510_11 Datasheet
118Kb / 2P
120 Amp Schottky ORing Rectifier
HS18515 MICROSEMI-HS18515_11 Datasheet
118Kb / 2P
180 Amp Schottky ORing Rectifier
UPS615 MICROSEMI-UPS615 Datasheet
108Kb / 2P
6 Amp Schottky ORing Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com