Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

151CMQ045 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 151CMQ045
Description  Schottky Powermod
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

151CMQ045 Datasheet(HTML) 1 Page - Microsemi Corporation

  151CMQ045 Datasheet HTML 1Page - Microsemi Corporation 151CMQ045 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ROHS Compliant
1.5 mA
0.72 Volts
2300 pF
*Add Suffix A for Common Anode, D for Doubler
*Pulse test: Pulse width 300µsec, Duty cycle 2%
30 mA
0.57 Volts
1200 Amps
75 Amps
150 Amps
Electrical Characteristics
2 Amps
Schottky Powermod
FST15135 - FST15150
Thermal and Mechanical Characteristics
Typical junction capacitance per leg
Max peak reverse current per leg
Max peak reverse current per leg
Maximum repetitive reverse current per leg
Max peak forward voltage per leg
Maximum surge current per leg
Average forward current per leg
Average forward current per pkg
Max peak forward voltage per leg
Typical thermal resistance (greased)
Mounting Torque
Weight
R CS
0
Operating junction temp range
Max thermal resistance per leg
Max thermal resistance per pkg
Storage temp range
RM
T
R
R
T
JC
JC
0
J
0
STG
CJ
F(AV)
I
R(OV)
FSM
VFM
V
I
I
RM
FM
I
I
F(AV)
I
50V
45V
40V
35V
Reverse Voltage
Working Peak
Catalog Number
FST15150*
FST15145*
FST15140*
FST15135*
Microsemi
Repetitive Peak
Reverse Voltage
45V
50V
40V
35V
C = 118°C, square wave,
0JC = 0.5°C/W
2.5 ounces (71 grams) typical
0.1°C/W
15 - 20 inch pounds
Case to sink
f = 1 KHz, 25°C, 1µsec square wave
R = 5.0V, C = 25°C
RRM, J = 25°C
FM = 75A: J = 25°C*
FM = 75A: J = 175°C*
8.3ms, half sine, J = 175°C
C = 118°C, square wave,
0JC = 1.0°C/W
RRM, J = 125°C*
-55°C to 175°C
1.0°C/W
-55°C to 175°C
0.5°C/W
V
V
T
T
I
V
I
T
T
T
T
T
Junction to case
Junction to case
R
T
R
Common Cathode
A=Common Anode
D=Doubler
Baseplate: Nickel plated copper;
M
9 Pins eq at .150
1.200
H
L
G
F
electrically isolated
Pins: Nickel plated copper
K
Notes:
J
P
1
2
1
2
C
1
3
2
A
N 4-PLCS.
E
1
2
Square
to Lead C
Minimum Maximum Minimum Maximum Notes
12.83
12.57
0.495
C
0.506
1.010
0.052
0.195
0.130
0.260
0.510
0.400
1.510
2.410
K
3
N
P
M
L
3
G
J
H
F
E
0.240
0.175
0.032
0.040
0.490
0.990
---
0.120
1.490
2.390
25.15
0.81
4.45
1.02
37.85
3.05
6.10
12.45
---
60.71
.050
6.60
1.27
1.32
4.95
12.95
25.65
3.30
10.16
38.35
61.21
2.005
Dim. Inches
3
A
1.995
Millimeter
50.67
50.93
L
Dia
Part Number
151CMQ045
151CMQ040
151CMQ035
Industry
Guard Ring for Reverse Protection
V
Reverse Energy Tested
High surge capacity
RRM 35 to 50 Volts
Schottky Barrier Rectifier
January, 2010 - Rev. 3
www.microsemi.com


Similar Part No. - 151CMQ045

ManufacturerPart #DatasheetDescription
logo
International Rectifier
151CMQ045 IRF-151CMQ045 Datasheet
102Kb / 5P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
151CMQ045 SMCDIODE-151CMQ045 Datasheet
348Kb / 5P
SERIES SCHOTTKY RECTIFIER
Rev. A
More results

Similar Description - 151CMQ045

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
CPT12035 MICROSEMI-CPT12035 Datasheet
148Kb / 2P
Schottky PowerMod
CPT20230 MICROSEMI-CPT20230 Datasheet
145Kb / 2P
Schottky PowerMod
CPT40080 MICROSEMI-CPT40080 Datasheet
149Kb / 2P
Schottky PowerMod
FST19235 MICROSEMI-FST19235 Datasheet
151Kb / 2P
Schottky PowerMod
CPT60035 MICROSEMI-CPT60035 Datasheet
160Kb / 2P
SCHOTTKY POWERMOD
CPT40030 MICROSEMI-CPT40030 Datasheet
171Kb / 2P
Schottky PowerMod
CPT600180 MICROSEMI-CPT600180 Datasheet
159Kb / 2P
SCHOTTKY POWERMOD
CPT20035 MICROSEMI-CPT20035_10 Datasheet
122Kb / 2P
Schottky PowerMod
CPT30060 MICROSEMI-CPT30060_10 Datasheet
123Kb / 2P
Schottky PowerMod
FST15230 MICROSEMI-FST15230_10 Datasheet
120Kb / 2P
Schottky PowerMod
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com