Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT589 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBT589
Description  General Purpose Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBT589 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  MMBT589 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBT589 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMBT589 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Any changing of specification will not be informed individual
MMBT589
P
NP Silicon
General Purpose Transistor
http://www.SeCoSGmbH.com
Elektronische Bauelemente
Figure 1. DC Current Gain versus
Collector Current
Figure 2. DC Current Gain versus
Collector Current
Figure 3. “On” Voltages
Figure 4. Base Emitter Saturation Voltage
versus Collector Current
Figure 5. Collector Emitter Saturation Voltage
versus Collector Current
Figure 6. Collector Emitter Saturation Voltage
versus Collector Current
10
0.001
IC, COLLECTOR CURRENT (AMPS)
200
150
100
50
IC, COLLECTOR CURRENT (mA)
100
1000
1.0
130
90
70
50
100
1000
1.0
IC, COLLECTOR CURRENT (mA)
1.0
0.4
0.3
0.2
0.1
0
IC, COLLECTOR CURRENT (AMPS)
0.01
0.001
1.0
0.95
0.6
0.55
0.5
1.0
0.01
IB, BASE CURRENT (mA)
1.0
0.6
0.4
0.2
0
IC, COLLECTOR CURRENT (AMPS)
0.001
1.8
1.0
0.8
0.6
0.2
0
0.1
0.1
0
0.01
0.1
1.0
10
110
150
170
10
0.1
1.0
10
10
1000
100
0.8
0.01
10
1.0
0.4
VCE = -2.0 V
190
210
230
VCE = -1.0 V
125°C
25°C
-55°C
0.8
0.7
0.6
0.5
0.9
VBE(sat)
VCE(sat)
VBE(on)
0.7
0.65
0.8
0.75
0.9
0.85
IC/IB = 100
IC/IB = 10
1.6
1.4
1.2
IC/IB = 100
IC/IB = 10
1000 mA
100 mA
50 mA
10 mA
01-Jun-2002 Rev. A
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com